Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 3 Page - NXP Semiconductors

  MC68331 Datasheet HTML 1Page - NXP Semiconductors MC68331 Datasheet HTML 2Page - NXP Semiconductors MC68331 Datasheet HTML 3Page - NXP Semiconductors MC68331 Datasheet HTML 4Page - NXP Semiconductors MC68331 Datasheet HTML 5Page - NXP Semiconductors MC68331 Datasheet HTML 6Page - NXP Semiconductors MC68331 Datasheet HTML 7Page - NXP Semiconductors MC68331 Datasheet HTML 8Page - NXP Semiconductors MC68331 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MC68L300EC16/D
3
NOTES:
1. Permanent damage can occur if maximum ratings are exceeded. Exposure to voltages or cur-
rents in excess of recommended values affects device reliability. Device modules may not op-
erate normally while being exposed to electrical extremes.
2. Although sections of the device contain circuitry to protect against damage from high static
voltages or electrical fields, take normal precautions to avoid exposure to voltages higher than
maximum-rated voltages.
3. This parameter is periodically sampled rather than 100% tested.
4. All pins except TSC.
5. Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive and negative clamp voltages,
then use the larger of the two values.
6. Power supply must maintain regulation within operating VDD range during instantaneous and
operating maximum current.
7. All functional non-supply pins are internally clamped to VSS. All functional pins except EXTAL
and XFC are internally clamped to VDD.
8. Total input current for all digital input-only and all digital input/output pins must not exceed 10
mA. Exceeding this limit can cause disruption of normal operation.
Table 1 Maximum Ratings
Num
Rating
Symbol
Value
Unit
1
Supply Voltage1,2,3
VDD
– 0.3 to + 6.5
V
2
Input Voltage 1,2,3,4,5,7
VIN
– 0.3 to + 6.5
V
3
Instantaneous Maximum Current
Single Pin Limit (all pins)1,3,5,6
ID
25
mA
4
Operating Maximum Current
Digital Input Disruptive Current3,5,6,7,8
VNEGCLMAP ≅ – 0.3 V
VPOSCLAMP ≅ VDD + 0.3
Iid
– 500 to 500
µA
5
Operating Temperature Range
C Suffix
TA
TL to TH
– 40 to 85
°C
6
Storage Temperature Range
Tstg
– 55 to 150
°C
Table 2 MC68L331 Typical Ratings
Num
Rating
Symbol
Value
Unit
1
Supply Voltage
VDD
3.3
V
2
Operating Temperature
TA
25
°C
3
VDD Supply Current
RUN
LPSTOP, External clock, max fsys
IDD
38
1.0
mA
mA
4
Clock Synthesizer Operating Voltage
VDDSYN
3.3
V
5
VDDSYN Supply Current
External Clock, maximum fsys
I
DDSYN
1.5
mA
6
RAM Standby Current
Normal RAM operation
Standby operation
ISB
3.0
10
µA
µA
7
Power Dissipation
PD
125.0
mW
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com