Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 29Page - Renesas Technology Corp ICS1893 Datasheet HTML 30Page - Renesas Technology Corp ICS1893 Datasheet HTML 31Page - Renesas Technology Corp ICS1893 Datasheet HTML 32Page - Renesas Technology Corp ICS1893 Datasheet HTML 33Page - Renesas Technology Corp ICS1893 Datasheet HTML 34Page - Renesas Technology Corp ICS1893 Datasheet HTML 35Page - Renesas Technology Corp ICS1893 Datasheet HTML 36Page - Renesas Technology Corp ICS1893 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 153 page
background image
Chapter 6
Interface Overviews
ICS1893 Rev C 6/6/00
June, 2000
33
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
6.5.2
Twisted-Pair Receiver Interface
Figure 6-2 shows the design for the ICS1893 twisted-pair receiver interface.
• Two 56.2
Ω 1% resistors are in series, with the center bypassed to ground with a 0.1-µF bypass
capacitor.
• No bypass capacitor is used with the receive transformer center tap.
• A 4.7-pF capacitor must be included across the ICS1893 side of the receive transformer.
Note:
1.
Keep leads as short as possible.
2.
Install the resistor network as close to the ICS1893 as possible.
Figure 6-2.
ICS1893 Receiver Twisted Pair
ICS1893
TP_RXP 13
TP_RXN 14
56.2
Ω 1%
0.1
µF
56.2
Ω 1%
To RJ-45
1:1
System Ground Plane
Chassis Ground Plane
75
Ω
0.1
µF 2 kV
4.7 pF
Separate Ground
Plane
Center
Tap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com