Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 94Page - Renesas Technology Corp ICS1893 Datasheet HTML 95Page - Renesas Technology Corp ICS1893 Datasheet HTML 96Page - Renesas Technology Corp ICS1893 Datasheet HTML 97Page - Renesas Technology Corp ICS1893 Datasheet HTML 98Page - Renesas Technology Corp ICS1893 Datasheet HTML 99Page - Renesas Technology Corp ICS1893 Datasheet HTML 100Page - Renesas Technology Corp ICS1893 Datasheet HTML 101Page - Renesas Technology Corp ICS1893 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 153 page
background image
ICS1893 Rev C 6/6/00
June, 2000
98
Chapter 8
Management Register Set
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.13.2
Polarity Reversed (bit 18.14)
The Polarity Reversed bit is used to inform an STA whether the ICS1893 has detected that the signals on
the Twisted-Pair Receive Pins (TP_RXP and TP_RXN) are reversed. When the signal polarity is:
• Correct, the ICS1893 sets bit 18.14 to a logic zero.
• Reversed, the ICS1893 sets bit 18.14 to logic one.
Note:
The ICS1893 can detect this situation and perform all its operations normally, independent of the
reversal.
8.13.3
ICS Reserved (bits 18.13:6)
See Section 8.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here.
8.13.4
Jabber Inhibit (bit 18.5)
The Jabber Inhibit bit allows an STA to disable Jabber Detection. When an STA sets this bit to:
• Zero, the ICS1893 enables 10Base-T Jabber checking.
• One, the ICS1893 disables its check for a Jabber condition during data transmission.
8.13.5
ICS Reserved (bit 18.4)
See Section 8.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here.
8.13.6
Auto Polarity Inhibit (bit 18.3)
The Auto Polarity Inhibit bit allows an STA to prevent the automatic correction of a polarity reversal on the
Twisted-Pair Receive pins (TP_RXP and TP_RXN). If an STA sets this bit to logic:
• Zero (the default), the ICS1893 automatically corrects a polarity reversal on the Twisted-Pair Receive
pins.
• One, the ICS1893 either disables or inhibits the automatic correction of reversed Twisted-Pair Receive
pins.
Note:
This bit is also used to correct a reversed signal polarity for 100Base-TX operations.
8.13.7
SQE Test Inhibit (bit 18.2)
The SQE Test Inhibit bit allows an STA to prevent the generation of the Signal Quality Error pulse. When
an STA sets this bit to logic:
• Zero, the ICS1893 enables its SQE Test generation.
• One, the ICS1893 disables its SQE Test generation.
The SQE Test provides the ability to verify that the Collision Logic is active and functional. A 10Base-T
SQE test is performed by pulsing the Collision signal for a short time after each packet transmission
completes, that is, after TXEN goes inactive.
Note:
1.
The SQE Test is automatically inhibited in full-duplex and repeater modes, thereby disabling the
functionality of this bit.
2.
This bit is a control bit and not a status bit. Therefore, it is not updated to indicate this automatic
inhibiting of the SQE test in full-duplex mode or repeater mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com