Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 66Page - Renesas Technology Corp ICS1893 Datasheet HTML 67Page - Renesas Technology Corp ICS1893 Datasheet HTML 68Page - Renesas Technology Corp ICS1893 Datasheet HTML 69Page - Renesas Technology Corp ICS1893 Datasheet HTML 70Page - Renesas Technology Corp ICS1893 Datasheet HTML 71Page - Renesas Technology Corp ICS1893 Datasheet HTML 72Page - Renesas Technology Corp ICS1893 Datasheet HTML 73Page - Renesas Technology Corp ICS1893 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 153 page
background image
ICS1893 Rev C 6/6/00
June, 2000
70
Chapter 8
Management Register Set
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.3.9
Remote Fault (bit 1.4)
An STA reads bit 1.4 to determine if a Remote Fault exists. The ICS1893 sets bit 1.4 based on the Remote
Fault bit received from its remote link partner. The ICS1893 receives the Remote Fault bit as part of the
Link Code Word exchanged during the auto-negotiation process. If the ICS1893 receives a Link Code
Word from its remote link partner and the Remote Fault bit is set to:
• Zero, then the ICS1893 sets bit 1.4 to logic zero.
• One, then the ICS1893 sets bit 1.4 to logic one. In this case, the remote link partner is reporting the
detection of a fault, which typically occurs when the remote link partner is having a problem with its
receive channel.
Bit 1.4 is a latching high status bit. (For more information on latching high and latching low bits, see Section
8.1.4.1, “Latching High Bits”and Section 8.1.4.2, “Latching Low Bits”.)
Note:
The ICS1893 has two versions of the Remote Fault bit.
• One version of the Remote Fault bit is a latching high version. An STA can access this version
through either Management Register 1 (bit 1.4) or 17 (bit 17.1). This bit 1.4/17.1 is cleared when
an STA reads either of these registers. (Bit 1.4 is identical to bit 17.1 in that they are the same
internal bit.)
• Another version of the Remote Fault bit is updated whenever the ICS1893 receives a new Link
Control Word. An STA can access this version through Management Register 5 (bit 5.13), which
like bits 1.4/17.1, also reports the status of the Remote Fault bit received from the remote link
partner. However, bit 5.13 is not a latching high bit.
The operation of both bit 1.4/17.1 and bit 5.13 are in compliance with the IEEE Std 802.3u.
8.3.10
Auto-Negotiation Ability (bit 1.3)
The STA reads bit 1.3 to determine if the ICS1893 can support the auto-negotiation process. If the
ICS1893:
• Cannot support the auto-negotiation process, it clears bit 1.3 to logic zero.
• Can support the auto-negotiation process, it sets bit 1.3 to logic one. (For the ICS1893, the default value
of bit 1.3 is logic one.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com