Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 31Page - Renesas Technology Corp ICS1893 Datasheet HTML 32Page - Renesas Technology Corp ICS1893 Datasheet HTML 33Page - Renesas Technology Corp ICS1893 Datasheet HTML 34Page - Renesas Technology Corp ICS1893 Datasheet HTML 35Page - Renesas Technology Corp ICS1893 Datasheet HTML 36Page - Renesas Technology Corp ICS1893 Datasheet HTML 37Page - Renesas Technology Corp ICS1893 Datasheet HTML 38Page - Renesas Technology Corp ICS1893 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 153 page
background image
Chapter 6
Interface Overviews
ICS1893 Rev C 6/6/00
June, 2000
35
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
6.8
Status Interface
The ICS1893 LSTA pin provides a Link Status, and its LOCK pin provides a Stream Cipher Locking Status.
In addition, as listed in Table 6-3, the ICS1893 provides five multi-function configuration pins that report the
results of continual link monitoring by providing signals that are intended for driving LEDs. (For the pin
numbers, see Table 9.3.2.)
Note:
1.
During either a power-on reset or a hardware reset, each multi-function configuration pin is an input
that is sampled when the ICS1893 exits the reset state. After sampling is complete, these pins are
output pins that can drive status LEDs.
2.
A software reset does not affect the state of a multi-function configuration pin. During a software reset,
all multi-function configuration pins are outputs.
3.
Each multi-function configuration pin must be pulled either up or down with a resistor to establish the
address of the ICS1893. LEDs may be placed in series with these resistors to provide a designated
status indicator as described in Table 6-3.
Caution:
All pins listed in Table 6-3 must not float.
4.
As outputs, the asserted state of a multi-function configuration pin is the inverse of the sense sampled
during reset. This inversion provides a signal that can illuminate an LED during an asserted state. For
example, if a multi-function configuration pin is pulled down to ground through an LED and a
current-limiting resistor, then the sampled sense of the input is low. To illuminate this LED for the
asserted state, the output is driven high.
5.
Adding 10K
Ω resistors across the LEDs ensures the PHY address is fully defined during slow VDD
power-ramp conditions.
6.
PHY address 00 tri-states the MII interface. (Do not select PHY address 00 unless you want the MII
tri-stated.)
Table 6-3.
Pins for Monitoring the Data Link
Pin
LED Driven by the Pin’s Output Signal
P0AC
AC (Link Activity) LED
P1CL
CL (Collisions) LED
P2LI
LI (Link Integrity) LED
P3TD
TD (Transmit Data) LED
P4RD
RD (Receive Data) LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com