Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 72Page - Renesas Technology Corp ICS1893 Datasheet HTML 73Page - Renesas Technology Corp ICS1893 Datasheet HTML 74Page - Renesas Technology Corp ICS1893 Datasheet HTML 75Page - Renesas Technology Corp ICS1893 Datasheet HTML 76Page - Renesas Technology Corp ICS1893 Datasheet HTML 77Page - Renesas Technology Corp ICS1893 Datasheet HTML 78Page - Renesas Technology Corp ICS1893 Datasheet HTML 79Page - Renesas Technology Corp ICS1893 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 153 page
background image
ICS1893 Rev C 6/6/00
June, 2000
76
Chapter 8
Management Register Set
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.6
Register 4: Auto-Negotiation Register
Table 8-11 lists the bits for the Auto-Negotiation Register. An STA uses this register to select the ICS1893
capabilities that it wants to advertise to its remote link partner. During the auto-negotiation process, the
ICS1893 advertises (that is, exchanges) capability data with its remote link partner by using a pre-defined
Link Code Word. The Link Code Word is embedded in the Fast Link Pulses exchanged between PHYs
when the ICS1893 has its Auto-Negotiation sublayer enabled. The value of the Link Control Word is
established based on the value of the bits in this register.
Note:
For an explanation of acronyms used in Table 8-5, see Chapter 1, “Abbreviations and Acronyms”.
† As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value
to all Reserved bits.
Note 1:
• In Hardware mode (that is, HW/SW pin is logic zero), this bit is a Read-Only bit.
• In Software mode (that is, HW/SW pin is logic one), this bit is a Command Override Write bit.
8.6.1
Next Page (bit 4.15)
This bit indicates whether the ICS1893 uses the Next Page Mode functions during the auto-negotiation
process. If bit 4.15 is logic:
• Zero, then the ICS1893 indicates to its remote link partner that these features are disabled. (Although
the default value of this bit is logic zero, the ICS1893 does support the Next Page function.)
• One, then the ICS1893 advertises to its remote link partner that this feature is enabled.
Table 8-11.
Auto-Negotiation Advertisement Register (register 4 [0x04])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
4.15
Next Page
Next page not supported
Next page supported
R/W
–
0
0
4.14
IEEE reserved
Always 0
N/A
CW
–
0†
4.13
Remote fault
Locally, no faults detected
Local fault detected
R/W
–
0
4.12
IEEE reserved
Always 0
N/A
CW
–
0†
4.11
IEEE reserved
Always 0
N/A
CW
–
0†
1
4.10
IEEE reserved
Always 0
N/A
CW
–
0†
4.9
100Base-T4
Always 0. (Not supported.)
N/A
CW
–
0
4.8
100Base-TX, full duplex
Do not advertise ability
Advertise ability
Note 1
–
1
4.7
100Base-TX, half duplex
Do not advertise ability
Advertise ability
Note 1
–
1
E
4.6
10Base-T, full duplex
Do not advertise ability
Advertise ability
Note 1
–
1
4.5
10Base-T half duplex
Do not advertise ability
Advertise ability
Note 1
–
1
4.4
Selector Field bit S4
IEEE 802.3-specified default N/A
CW
–
0
4.3
Selector Field bit S3
IEEE 802.3-specified default N/A
CW
–
0
1
4.2
Selector Field bit S2
IEEE 802.3-specified default N/A
CW
–
0
4.1
Selector Field bit S1
IEEE 802.3-specified default N/A
CW
–
0
4.0
Selector Field bit S0
N/A
IEEE 802.3-specified
default
CW
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com