Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 82Page - Renesas Technology Corp ICS1893 Datasheet HTML 83Page - Renesas Technology Corp ICS1893 Datasheet HTML 84Page - Renesas Technology Corp ICS1893 Datasheet HTML 85Page - Renesas Technology Corp ICS1893 Datasheet HTML 86Page - Renesas Technology Corp ICS1893 Datasheet HTML 87Page - Renesas Technology Corp ICS1893 Datasheet HTML 88Page - Renesas Technology Corp ICS1893 Datasheet HTML 89Page - Renesas Technology Corp ICS1893 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 153 page
background image
ICS1893 Rev C 6/6/00
June, 2000
86
Chapter 8
Management Register Set
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.10
Register 8: Auto-Negotiation Next Page Link Partner Ability Register
Table 8-15 lists the bits for the Auto-Negotiation Next Page Link Partner Ability Register, which establishes
the contents of the Next Page Link Control Word that is transmitted during Next Page Operations. This
table is compliant with the ISO/IEC specification.
Note:
For an explanation of acronyms used in Table 8-15, see Chapter 1, “Abbreviations and Acronyms”.
† As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value
to all Reserved bits.
Table 8-15.
Auto-Negotiation Next Page Link Partner Ability Register (register 8 [0x08])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
8.15
Next Page
Last Page
Additional Pages follow
RO
–
0
0
8.14
IEEE reserved
Always 0
N/A
RO
–
0†
8.13
Message Page
Unformatted Page
Message Page
RO
–
0
8.12
Acknowledge 2
Cannot comply with
Message
Can comply with
Message
RO
–
0
8.11
Toggle
Previous Link Code
Word was zero
Previous Link Code
Word was one
RO
–
0
0
8.10
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0
8.9
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0
8.8
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0
8.7
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0
0
8.6
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0
8.5
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0
8.4
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0
8.3
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0
0
8.2
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0
8.1
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0
8.0
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RO
–
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com