Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 85Page - Renesas Technology Corp ICS1893 Datasheet HTML 86Page - Renesas Technology Corp ICS1893 Datasheet HTML 87Page - Renesas Technology Corp ICS1893 Datasheet HTML 88Page - Renesas Technology Corp ICS1893 Datasheet HTML 89Page - Renesas Technology Corp ICS1893 Datasheet HTML 90Page - Renesas Technology Corp ICS1893 Datasheet HTML 91Page - Renesas Technology Corp ICS1893 Datasheet HTML 92Page - Renesas Technology Corp ICS1893 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 153 page
background image
Chapter 8
Management Register Set
ICS1893 Rev C 6/6/00
June, 2000
89
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.11.1
Command Override Write Enable (bit 16.15)
The Command Override Write Enable bit provides an STA the ability to alter the Command Override Write
(CW) bits located throughout the MII Register set. A two-step process is required to alter the value of a CW
bit:
1.
Step one is to issue a Command Override Write, (that is, set bit 16.15 to logic one). This step enables
the next MDIO write to have the ability to alter any CW bit.
2.
Step two is to write to the register that includes the CW bit which requires modification.
Note:
The Command Override Write Enable bit is a Self-Clearing bit that is automatically reset to logic
zero after the next MII write, thereby allowing only one subsequent write to alter the CW bits in a
single register. To alter additional CW bits, the Command Override Write Enable bit must once
again be set to logic one.
8.11.2
ICS Reserved (bits 16.14:11)
ICS is reserving these bits for future use. Functionally, these bits are equivalent to IEEE Reserved bits.
When one of these reserved bits is:
• Read by an STA, the ICS1893 returns a logic zero.
• Written to by an STA, the STA must use the default value specified in this data sheet.
ICS uses some reserved bits to invoke auxiliary functions. To ensure proper operation of the ICS1893, an
STA must maintain the default value of these bits. Therefore, ICS recommends that an STA always write
the default value of any reserved bits during all management register write operations.
8.11.3
PHY Address (bits 16.10:6)
These five bits hold the Serial Management Port Address of the ICS1893. During either a hardware reset
or a power-on reset, the PHY address is read from the LED interface. (For information on the LED
interface, see Section 6.8, “Status Interface”and Section 9.3.2, “Multi-Function (Multiplexed) Pins: PHY
Address and LED Pins”). The PHY address is then latched into this register. (The value of each of the PHY
Address bits is unaffected by a software reset.)
8.11.4
Stream Cipher Scrambler Test Mode (bit 16.5)
The Stream Cipher Scrambler Test Mode bit is used to force the ICS1893 to lose LOCK, thereby requiring
the Stream Cipher Scrambler to resynchronize.
8.11.5
ICS Reserved (bit 16.4)
See Section 8.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here.
8.11.6
NRZ/NRZI Encoding (bit 16.3)
This bit allows an STA to control whether NRZ (Not Return to Zero) or NRZI (Not Return to Zero, Invert on
One) encoding is applied to the serial transmit data stream in 100Base-TX mode. When this bit is logic:
• Zero, the ICS1893 encodes the serial transmit data stream using NRZ encoding.
• One, the ICS1893 encodes the serial transmit data stream using NRZI encoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com