Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 11Page - Renesas Technology Corp ICS1893 Datasheet HTML 12Page - Renesas Technology Corp ICS1893 Datasheet HTML 13Page - Renesas Technology Corp ICS1893 Datasheet HTML 14Page - Renesas Technology Corp ICS1893 Datasheet HTML 15Page - Renesas Technology Corp ICS1893 Datasheet HTML 16Page - Renesas Technology Corp ICS1893 Datasheet HTML 17Page - Renesas Technology Corp ICS1893 Datasheet HTML 18Page - Renesas Technology Corp ICS1893 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 153 page
background image
Chapter 3
ICS1893 Enhanced Features
ICS1893 Rev C 6/6/00
June, 2000
15
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 3
ICS1893 Enhanced Features
The ICS1893 is an enhanced version of the ICS1890. In contrast to the ICS1890, the ICS1893 offers
significant improvements in both performance and features while maintaining backward compatibility. The
specific differences between these devices are listed below.
1.
The ICS1893 employs an advanced digital signal processing (DSP) architecture that improves the
100Base-TX Receiver performance beyond that of any other PHY in the market. Specifically:
a. The ICS1893 DSP-based, adaptive equalization process allows the ICS1893 to accommodate a
maximum cable attenuation/insertion loss in excess of 24 dB, which is nearly equivalent to the
attenuation loss of a 100-meter Category 5 cable.
b. The ICS1893 DSP-based, baseline-wander correction process eliminates killer packets.
2.
The analog 10Base-T Receive Phase-Locked Loop (PLL) of the ICS1890 is replaced with a digital PLL
in the ICS1893, thereby resulting in lower jitter and improved stability.
3.
The ICS1890 Frequency-Locked Loop (FLL) that is part of the 100Base-TX Clock and Data Recovery
circuitry is replaced with a digital FLL in the ICS1893, also resulting in lower jitter and improved
stability.
4.
The ICS1893 transmit circuits are improved in contrast to the ICS1890, resulting in a decrease in the
magnitude of the 10Base-T harmonic content generated during transmission. (See ISO/IEC 8802-3:
1993 clause 8.3.1.3.)
5.
The ICS1893 supports the Auto-Negotiation Next Page functions described in IEEE Std 802.3u-1995
clause 28.2.3.4.
6.
The ICS1893 supports Management Frame (MF) Preamble Suppression.
7.
The ICS1893 provides the Remote Jabber capability.
8.
The ICS1893 has an improved version of the ICS1890 10Base-T Squelch operation.
9.
The ICS1893 “seeds”(that is, initializes) the Transmit Stream Cipher Shift register by using the
ICS1893 PHY address from Table 8-16, which minimizes crosstalk and noise in repeater applications.
10. The ICS1893 offers an automatic 10Base-T power-down mode.
11. The enhanced features of the ICS1893 required some modifications to the ICS1890 Management
Registers. However, the ICS1893 Management Registers are backward-compatible with the ICS1890
Management Registers. Table 3-1 summarizes the differences between the ICS1890 and the ICS1893
Management Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com