Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 44Page - Renesas Technology Corp ICS1893 Datasheet HTML 45Page - Renesas Technology Corp ICS1893 Datasheet HTML 46Page - Renesas Technology Corp ICS1893 Datasheet HTML 47Page - Renesas Technology Corp ICS1893 Datasheet HTML 48Page - Renesas Technology Corp ICS1893 Datasheet HTML 49Page - Renesas Technology Corp ICS1893 Datasheet HTML 50Page - Renesas Technology Corp ICS1893 Datasheet HTML 51Page - Renesas Technology Corp ICS1893 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 153 page
background image
ICS1893 Rev C 6/6/00
June, 2000
48
Chapter 7
Functional Blocks
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
7.4
Functional Block: 100Base-TX TP-PMD Operations
The ICS1893 supports both 10Base-T and 100Base-TX operations. For 100Base-TX operations, the
TP-PMD module performs stream-cipher scrambling/descrambling and MLT-3 encoding/decoding (3-level,
multi-level transition) in compliance with the ANSI Standard X3.263: 199X FDDI TP-PMD as defined in the
specification for 100Base-TX Twisted-Pair Physical Media Dependent (TP-PMD) Sublayer. The ICS1893’s
TP-PMD also performs DC restoration (that is, baseline wander correction) and adaptive equalization on
the received signals.
Note:
1.
For an overview of 100Base-TX operations, see Section 5.5, “100Base-TX Operations”.
2.
For more information on the Twisted-Pair Interface, see Section 6.5, “Twisted-Pair Interface”.
7.4.1
100Base-TX Operation: Stream Cipher Scrambler/Descrambler
When the ICS1893 is operating in 100Base-TX mode, it employs a stream cipher scrambler/descrambler
that complies with the ANSI Standard X3.263: 199X FDDI TP-PMD. The purpose of the stream cipher
scrambler is to spread the transmission spectrum to minimize electromagnetic compatibility problems. The
stream cipher descrambler restores the received serial bit stream to its unscrambled form.
The ICS1893 “seeds”(that is, initializes) the Transmit Stream Cipher Shift register by using the ICS1893
PHY address from Table 8-16, which minimizes crosstalk and noise in repeater applications.
The MAC/Repeater Interface bypasses the stream cipher scrambler/descrambler when in the 100M
Symbol Interface mode.
7.4.2
100Base-TX Operation: MLT-3 Encoder/Decoder
When operating in the 100Base-TX mode, the ICS1893 TP-PMD sublayer employs an MLT-3 encoder and
decoder. During data transmission, the TP-PMD encoder converts the NRZI bit stream received from the
PMA sublayer to a 3-level Multi-Level Transition code. The three levels are -1, 0, and +1. The results of
MLT-3 encoding provide a reduction in the transmitted energy over the critical frequency range from 20
MHz to 100 MHz. The TP-PMD MLT-3 decoder converts the received three-level signal back to an NRZI bit
stream.
7.4.3
100Base-TX Operation: DC Restoration
The ICS1893’s 100Base-TX operations uses a stream-cipher scrambler to minimize peak amplitudes in the
frequency spectrum. However, the nature of the stream cipher and MLT-3 encoding is such that long
sequences of consecutive zeros or ones can exist. These unbalanced data patterns produce an
undesirable DC component in the data stream known as ‘baseline wander’.
Baseline wander adversely affects the noise immunity of the receiver, because the ‘baseline’signal moves
or ‘wanders’from its nominal DC value. The ICS1893 uses a unique technique to restore the DC
component ‘lost’by the medium. As a result, the design is very robust, immune to noise and independent
of the data stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com