Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 36Page - Renesas Technology Corp ICS1893 Datasheet HTML 37Page - Renesas Technology Corp ICS1893 Datasheet HTML 38Page - Renesas Technology Corp ICS1893 Datasheet HTML 39Page - Renesas Technology Corp ICS1893 Datasheet HTML 40Page - Renesas Technology Corp ICS1893 Datasheet HTML 41Page - Renesas Technology Corp ICS1893 Datasheet HTML 42Page - Renesas Technology Corp ICS1893 Datasheet HTML 43Page - Renesas Technology Corp ICS1893 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 153 page
background image
ICS1893 Rev C 6/6/00
June, 2000
40
Chapter 7
Functional Blocks
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
7.2.1
Auto-Negotiation General Process
The Auto-Negotiation sublayer uses a physical signaling technique that is transparent at the packet level
and all higher protocol levels. This technique builds on the link pulse mechanism employed in 10Base-T
operations and is fully compliant with clause 28 of the ISO/IEC 8802-3 standard.
During the auto-negotiation process, both the ICS1893 and its remote link partner use Fast Link Pulses
(FLPs) to simultaneously ‘advertise’(that is, exchange) information on their respective technology
capabilities as follows:
1.
For the auto-negotiation process to take place, both the ICS1893 and its remote link partner must first
both support and be enabled for Auto-Negotiation.
2.
The ICS1893 obtains the data for its FLP bursts from the Auto-Negotiation Advertisement Register
(Register 4).
3.
Both the ICS1893 and the remote link partner substitute Fast Link Pulse (FLP) bursts in place of the
Normal Link Pulses (NLPs). In each FLP burst, the ICS1893 transmits information on its technology
capability through its Link Control Word, which includes link configuration and status data.
4.
Similarly, the ICS1893 places the Auto-Negotiation data received from its remote link partner's FLP
bursts into the Auto-Negotiation Link Partner Ability Register (Register 5).
5.
After the ICS1893 and its remote link partner exchange technology capability information, the ICS1893
Auto-Negotiation sublayer contrasts the data in Registers 4 and 5 and automatically selects for the
operating mode the highest-priority technology that both Register 4 and 5 have in common. (That is,
both the ICS1893 and its remote link partner use a predetermined priority list for selecting the operating
mode, thereby ensuring that both sides of the link make the same selection.) As follows from Annex
28B of the ISO/IEC 8802-3 standard, the pre-determined technology priorities are listed from 1 (highest
priority) to 5 (lowest priority):
(1) 100Base-TX full duplex
(2) 100Base-T4. (The ICS1893 does not support this technology.)
(3) 100Base-TX (half duplex)
(4) 10Base-T full duplex
(5) 10Base-T (half duplex)
Table 7-1 shows an example of how the selection process of the highest-priority technology takes
place.
6.
To indicate that the auto-negotiation process is complete, the ICS1893 sets bits 1.5 and 17.4 high to
logic one. After successful completion of the auto-negotiation process, the ICS1893 Auto-Negotiation
sublayer performs the following steps:
a. It sets to logic one the Status Register’s Auto-Negotiation Complete bit (bit 1.5, which is also
available in the QuickPoll register as bit 17.4).
b. It enables the negotiated link technology (such as the 100Base Transmit modules and 100Base
Receive modules).
c. It disables the unused technologies to reduce the overall power consumption.
Table 7-1.
Example of Selection Process of Highest-Priority Technology
If Register 4 Has These
Technologies:
If Register 5 Has These
Technologies:
Resulting Highest-Priority Common
Technology from Auto-Negotiation
Sublayer
(3) 100Base-TX half duplex
(1) 100Base-TX full duplex
(3) 100Base-TX half duplex
(4) 100Base-T full duplex
(3) 100Base-TX half duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com