Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 110Page - Renesas Technology Corp ICS1893 Datasheet HTML 111Page - Renesas Technology Corp ICS1893 Datasheet HTML 112Page - Renesas Technology Corp ICS1893 Datasheet HTML 113Page - Renesas Technology Corp ICS1893 Datasheet HTML 114Page - Renesas Technology Corp ICS1893 Datasheet HTML 115Page - Renesas Technology Corp ICS1893 Datasheet HTML 116Page - Renesas Technology Corp ICS1893 Datasheet HTML 117Page - Renesas Technology Corp ICS1893 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 153 page
background image
ICS1893 Rev C 6/6/00
June, 2000
114
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
RXD0,
RXD1,
RXD2,
RXD3
35,
34,
33,
32
Output
Receive Data 0–3.
• RXD0 is the least-significant bit and RXD3 is the most-significant bit of
the MII receive data nibble.
• While the ICS1893 asserts RXDV, the ICS1893 transfers the receive
data signals on the RXD0–RXD3 pins to the MAC/Repeater Interface
synchronously on the rising edges of RXCLK.
RXDV
36
Output
Receive Data Valid.
The ICS1893 asserts RXDV to indicate to the MAC/repeater that data is
available on the MII Receive Bus (RXD[3:0]). The ICS1893:
• Asserts RXDV after it detects and recovers the Start-of-Stream
delimiter, /J/K/. (For the timing reference, see Chapter 10.5.6, “MII /
100M Stream Interface: Synchronous Receive Timing”.)
• De-asserts RXDV after it detects either the End-of-Stream delimiter
(/T/R/) or a signal error.
Note: RXDV is synchronous with the Receive Data Clock, RXCLK.
RXER
39
Output
Receive Error.
When the MAC/Repeater Interface is in:
• 10M MII mode, RXER is not used.
• 100M MII mode, the ICS1893 asserts a signal on the RXER pin when
either of the following two conditions are true:
– Errors are detected during the reception of valid frames
– A False Carrier is detected
Note:
1. An ICS1893 asserts a signal on the RXER pin upon detection of a
False Carrier so that repeater applications can prevent the
propagation of a False Carrier.
2. The RXER signal always transitions synchronously with RXCLK.
3. The signal on RXER pin is conditioned by the RXTRI pin.
RXTRI
41
Input
Receive (Interface), Tri-State.
The input on this pin is from a MAC. When the signal on this pin is logic:
• Low, the MAC indicates that it is not in a tri-state condition.
• High, the MAC indicates that it is in a tri-state condition. In this case,
the ICS1893 acts to ensure that only one PHY is active at a time.
TXCLK
43
Output
Transmit Clock.
The ICS1893 generates this clock signal to synchronize the transfer of
data from the MAC/Repeater Interface to the ICS1893. When the mode is:
• 10Base-T, the TXCLK frequency is 2.5 MHz.
• 100Base-TX, the TXCLK frequency is 25 MHz.
TXD0,
TXD1,
TXD2,
TXD3
45,
46,
47,
48
Input
Transmit Data 0–3.
• TXD0 is the least-significant bit and TXD3 is the most-significant bit of
the MII transmit data nibble received from the MAC/repeater.
• The ICS1893 samples its TXEN signal to determine when data is
available for transmission. When TXEN is asserted, the signals on a
the TXD[3:0] pins are sampled synchronously on the rising edges of
the TXCLK signal.
Table 9-5.
MAC/Repeater Interface Pins: Media Independent Interface (MII) (Continued)
Pin
Name
Pin
Number
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com