Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 107Page - STMicroelectronics STM32H742VG Datasheet HTML 108Page - STMicroelectronics STM32H742VG Datasheet HTML 109Page - STMicroelectronics STM32H742VG Datasheet HTML 110Page - STMicroelectronics STM32H742VG Datasheet HTML 111Page - STMicroelectronics STM32H742VG Datasheet HTML 112Page - STMicroelectronics STM32H742VG Datasheet HTML 113Page - STMicroelectronics STM32H742VG Datasheet HTML 114Page - STMicroelectronics STM32H742VG Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 357 page
background image
DS12110 Rev 10
111/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
Table 30. Typical and maximum current consumption in Run mode, code with data processing
running from ITCM, regulator ON(1)
Symbol
Parameter
Conditions
frcc_c_ck
(MHz)
Typ
Max(2)
unit
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
125°C
IDD
Supply
current in Run
mode
All
peripherals
disabled
VOS1
400
71
110
210
290
540
mA
300
56
----
VOS2
300
50
72
170
230
370
216
37
58
150
210
380
200
35.5
----
VOS3
200
33
50
130
190
300
180
30
47
130
180
290
168
28
45
130
180
290
144
25
41
120
180
290
60
13
28
110
160
280
25
10
24
99
160
270
All
peripherals
enabled
VOS1
400
165
220(3)
400
500(3)
840
300
130
----
VOS2
300
120
170
300
390
570
200
83
----
VOS3
200
78
110
220
300
470
1. Data are in DTCM for best computation performance, cache has no influence on consumption in this case.
2. Guaranteed by characterization results unless otherwise specified.
3. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com