Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 111Page - STMicroelectronics STM32H742VG Datasheet HTML 112Page - STMicroelectronics STM32H742VG Datasheet HTML 113Page - STMicroelectronics STM32H742VG Datasheet HTML 114Page - STMicroelectronics STM32H742VG Datasheet HTML 115Page - STMicroelectronics STM32H742VG Datasheet HTML 116Page - STMicroelectronics STM32H742VG Datasheet HTML 117Page - STMicroelectronics STM32H742VG Datasheet HTML 118Page - STMicroelectronics STM32H742VG Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 357 page
background image
DS12110 Rev 10
115/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up or pull-down generate a current consumption when
the pin is externally held low. The value of this current consumption can be simply computed
by using the pull-up/pull-down resistors values given in Table 60: I/O static characteristics.
For the output pins, any internal or external pull-up or pull-down, and any external load must
also be considered to estimate the current consumption.
An additional I/O current consumption is due to I/Os configured as inputs if an intermediate
voltage level is externally applied. This current consumption is caused by the input Schmitt
trigger circuits used to discriminate the input value. Unless this specific configuration is
required by the application, this supply current consumption can be avoided by configuring
these I/Os in analog mode. This is notably the case of ADC input pins which should be
configured as analog inputs.
Caution:
Any floating input pin can also settle to an intermediate voltage level or switch inadvertently,
as a result of external electromagnetic noise. To avoid a current consumption related to
floating pins, they must either be configured in analog mode, or forced internally to a definite
digital value. This can be done either by using pull-up/down resistors or by configuring the
pins in output mode.
I/O dynamic current consumption
In addition to the internal peripheral current consumption (see Table 39: Peripheral current
consumption in Run mode), the I/Os used by an application also contribute to the current
consumption. When an I/O pin switches, it uses the current from the MCU supply voltage to
supply the I/O pin circuitry and to charge/discharge the internal or external capacitive load
connected to the pin:
where
ISW is the current sunk by a switching I/O to charge/discharge the capacitive load
VDDx is the MCU supply voltage
fSW is the I/O switching frequency
CL is the total capacitance seen by the I/O pin: C = CINT+ CEXT
Table 38. Typical and maximum current consumption in VBAT mode
Symbol
Parameter
Conditions
Typ(1)
Max (3 V)
Unit
Backup
SRAM
RTC &
LSE
1.2 V
2 V
3 V
3.4 V
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
125°C
IDD
(VBAT)
Supply
current in
standby
mode
OFF
OFF
0.024
0.035 0.062 0.096 0.5(1) 4.1(1)
10(1)
24(1)
µA
ON
OFF
1.4
1.6
1.8
1.8
4.4(1)
22(1)
48(1)
87(1)
OFF
ON
0.24
0.45
0.62
0.73
-
-
-
-
ON
ON
1.97
2.37
2.57
2.77
-
-
-
-
1. Guaranteed by characterization results.
ISW
VDDx fSW CL
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com