Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 114Page - STMicroelectronics STM32H742VG Datasheet HTML 115Page - STMicroelectronics STM32H742VG Datasheet HTML 116Page - STMicroelectronics STM32H742VG Datasheet HTML 117Page - STMicroelectronics STM32H742VG Datasheet HTML 118Page - STMicroelectronics STM32H742VG Datasheet HTML 119Page - STMicroelectronics STM32H742VG Datasheet HTML 120Page - STMicroelectronics STM32H742VG Datasheet HTML 121Page - STMicroelectronics STM32H742VG Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
118/357
DS12110 Rev 10
AHB2
DCMI
1.7
1.7
1.7
µA/MHz
RNG registers
1.8
1.4
1.2
RNG kernel
-
9.6
9.6
SDMMC2
registers
13
12
11
SDMMC2 kernel
2.7
2.5
2.4
D2SRAM1
3.3
3.1
2.8
D2SRAM2
2.9
2.7
2.5
D2SRAM3
1.9
1.8
1.7
AHB2 bridge
0.1
0.1
0.1
AHB4
GPIOA
1.1
1
0.9
GPIOB
1
0.9
0.9
GPIOC
1.4
1.3
1.3
GPIOD
1.1
1
0.9
GPIOE
1
0.9
0.8
GPIOF
0.9
0.8
0.8
GPIOG
0.9
0.7
0.7
GPIOH
1
0.9
0.9
GPIOI
0.9
0.9
0.8
GPIOJ
0.9
0.8
0.8
GPIOK
0.9
0.8
0.7
CRC
0.5
0.4
0.4
BDMA
6.2
5.8
5.5
ADC3 registers
1.8
1.7
1.7
ADC3 kernel
0.1
0.1
0.1
Backup SRAM
1.9
1.8
1.8
Bridge AHB4
0.1
0.1
0.1
APB3
LCD-TFT
12
11
10
µA/MHz
WWDG1
0.5
0.4
0.3
APB3 bridge
0.5
0.2
0.1
Table 39. Peripheral current consumption in Run mode (continued)
Peripheral
IDD(Typ)
Unit
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com