Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 118Page - STMicroelectronics STM32H742VG Datasheet HTML 119Page - STMicroelectronics STM32H742VG Datasheet HTML 120Page - STMicroelectronics STM32H742VG Datasheet HTML 121Page - STMicroelectronics STM32H742VG Datasheet HTML 122Page - STMicroelectronics STM32H742VG Datasheet HTML 123Page - STMicroelectronics STM32H742VG Datasheet HTML 124Page - STMicroelectronics STM32H742VG Datasheet HTML 125Page - STMicroelectronics STM32H742VG Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
122/357
DS12110 Rev 10
APB4
SYSCFG
1
0.7
0.7
µA/MHz
LPUART1
registers
1.1
1.1
1.1
LPUART1 kernel
2.6
2.4
2.1
SPI6 registers
1.6
1.5
1.4
SPI6 kernel
0.2
0.2
0.2
I2C4 registers
0.1
0.1
0.1
I2C4 kernel
2.4
2.1
2
LPTIM2 registers
0.5
0.5
0.5
LPTIM2 kernel
2.3
2.1
1.8
LPTIM3 registers
0.5
0.5
0.5
LPTIM3 kernel
2
2.1
1.5
LPTIM4 registers
0.5
0.5
0.5
LPTIM4 kernel
2
2
1.9
LPTIM5 registers
0.5
0.5
0.5
LPTIM5 kernel
2
1.8
1.5
COMP1/2
0.7
0.5
0.5
VREFBUF
0.6
0.4
0.4
RTC
1.2
1.1
1.1
SAI4 registers
1.6
1.5
1.4
SAI4 kernel
1.3
1.3
1.2
Bridge APB4
0.1
0.1
0.1
Table 40. Peripheral current consumption in Stop, Standby and VBAT mode
Symbol
Parameter
Conditions
Typ
Unit
3 V
IDD
RTC+LSE low drive
-
2.32
µA
RTC+LSE medium-
low drive
-2.4
RTC+LSE medium-
high drive
-2.7
RTC+LSE High drive
-
3
Table 39. Peripheral current consumption in Run mode (continued)
Peripheral
IDD(Typ)
Unit
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com