Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 188 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 188 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 184Page - STMicroelectronics STM32H742VG Datasheet HTML 185Page - STMicroelectronics STM32H742VG Datasheet HTML 186Page - STMicroelectronics STM32H742VG Datasheet HTML 187Page - STMicroelectronics STM32H742VG Datasheet HTML 188Page - STMicroelectronics STM32H742VG Datasheet HTML 189Page - STMicroelectronics STM32H742VG Datasheet HTML 190Page - STMicroelectronics STM32H742VG Datasheet HTML 191Page - STMicroelectronics STM32H742VG Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
188/357
DS12110 Rev 10
6.3.30
LCD-TFT controller (LTDC) characteristics
Unless otherwise specified, the parameters given in Table 102 for LCD-TFT are derived
from tests performed under the ambient temperature, frcc_c_ck frequency and VDD supply
voltage summarized in Table 24: General operating conditions, with the following
configuration:
•
LCD_CLK polarity: high
•
LCD_DE polarity: low
•
LCD_VSYNC and LCD_HSYNC polarity: high
•
Pixel formats: 24 bits
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C=30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
I/O compensation cell enabled
Table 102. LTDC characteristics (1)
Symbol
Parameter
Conditions
Min
Max
Unit
fCLK
LTDC clock output frequency
2.7 V < VDD < 3.6 V,
20 pF
-150
MHz
2.7 V < VDD < 3.6 V
-
133
1.62 V < VDD < 3.6 V
-
90
DCLK
LTDC clock output duty cycle
-
45
55
%
tw(CLKH),
tw(CLKL)
Clock High time, low time
-
tw(CLK)/2−0.5 tw(CLK)/2+0.5
ns
tv(DATA)
Data output valid time
-
-
0.5
th(DATA)
Data output hold time
-
0
-
tv(HSYNC),
tv(VSYNC),
tv(DE)
HSYNC/VSYNC/DE output valid
time
--
0.5
th(HSYNC),
th(VSYNC),
th(DE)
HSYNC/VSYNC/DE output hold
time
-0.5
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com