Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 192 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 192 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 188Page - STMicroelectronics STM32H742VG Datasheet HTML 189Page - STMicroelectronics STM32H742VG Datasheet HTML 190Page - STMicroelectronics STM32H742VG Datasheet HTML 191Page - STMicroelectronics STM32H742VG Datasheet HTML 192Page - STMicroelectronics STM32H742VG Datasheet HTML 193Page - STMicroelectronics STM32H742VG Datasheet HTML 194Page - STMicroelectronics STM32H742VG Datasheet HTML 195Page - STMicroelectronics STM32H742VG Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
192/357
DS12110 Rev 10
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 106 for the SPI interface are
derived from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 24: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
I/O compensation cell enabled
•
HSLV activated when VDD ≤ 2.7 V
Refer to Section 6.3.15: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 106. SPI dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
1.62 V≤VDD≤3.6 V
--
90
MHz
Master mode
2.7 V≤VDD≤3.6 V
SPI1,2,3
133
Master mode
2.7 V≤VDD≤3.6 V
SPI4,5,6
100
Slave receiver mode
1.62 V≤VDD≤3.6 V
SPI1,2,3
150
Slave receiver mode
1.62 V≤VDD≤3.6 V
SPI4,5,6
100
Slave mode transmitter/full
duplex
2.7 V≤VDD≤3.6 V
31
Slave mode transmitter/full
duplex
1.62 V≤VDD≤3.6 V
25
tsu(NSS)
NSS setup time
Slave mode
2-
-
ns
th(NSS)
NSS hold time
1
-
-
tw(SCKH),
tw(SCKL)
SCK high and low time
Master mode
TPLCK - 2
TPLCK
TPLCK + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com