Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 235 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 235 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 231Page - STMicroelectronics STM32H742VG Datasheet HTML 232Page - STMicroelectronics STM32H742VG Datasheet HTML 233Page - STMicroelectronics STM32H742VG Datasheet HTML 234Page - STMicroelectronics STM32H742VG Datasheet HTML 235Page - STMicroelectronics STM32H742VG Datasheet HTML 236Page - STMicroelectronics STM32H742VG Datasheet HTML 237Page - STMicroelectronics STM32H742VG Datasheet HTML 238Page - STMicroelectronics STM32H742VG Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 357 page
background image
DS12110 Rev 10
235/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
64 MHz high-speed internal RC oscillator (HSI)
4 MHz low-power internal RC oscillator (CSI)
4.
∆fHSI = ACCHSI48_REL + ∆VDD.
5. These values are obtained by using the formula: (Freq(3.6V) - Freq(3.0V)) / Freq(3.0V) or (Freq(3.6V) - Freq(1.62V)) /
Freq(1.62V).
6. Jitter measurements are performed without clock source activated in parallel.
Table 144. HSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
HSI frequency
VDD=3.3 V, TJ=30 °C
63.7(2)
64
64.3(2)
MHz
TRIM
HSI user trimming step
Trimming is not a multiple
of 32
-
0.24
0.32
%
Trimming is 128, 256 and
384
−5.2
−1.8
-
Trimming is 64, 192, 320
and 448
−1.4
−0.8
-
Other trimming are a
multiple of 32 (not
including multiple of 64
and 128)
−0.6
−0.25
-
DuCy(HSI) Duty Cycle
-
45
-
55
%
ΔVDD (HSI)
HSI oscillator frequency drift over
VDD (reference is 3.3 V)
VDD=1.62 to 3.6 V
−0.12
-
0.03
%
ΔTEMP (HSI)
HSI oscillator frequency drift over
temperature (reference is 64 MHz)
TJ=-20 to 105 °C
−1(3)
-1(3)
%
TJ=−40 to TJmax °C
−2(3)
-1(3)
tsu(HSI)
HSI oscillator start-up time
-
-
1.4
2
µs
tstab(HSI)
HSI oscillator stabilization time
at 1% of target frequency
-
4
8
µs
IDD(HSI)
HSI oscillator power consumption
-
-
300
400
µA
1. Guaranteed by design unless otherwise specified.
2. Guaranteed by test in production.
3. Guaranteed by characterization.
Table 145. CSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCSI
CSI frequency
VDD=3.3 V, TJ=30 °C
3.96(2)
44.04(2)
MHz
TRIM
Trimming step
-
-
0.35
-
%
DuCy(CSI)
Duty Cycle
-
45
-
55
%
∆TEMP (CSI)
CSI oscillator frequency drift over
temperature
TJ = 0 to 85 °C
-
−3.7(3)
4.5(3)
%
TJ = −40 to 125 °C
-
−11(3)
7.5(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com