Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 237 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 237 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 233Page - STMicroelectronics STM32H742VG Datasheet HTML 234Page - STMicroelectronics STM32H742VG Datasheet HTML 235Page - STMicroelectronics STM32H742VG Datasheet HTML 236Page - STMicroelectronics STM32H742VG Datasheet HTML 237Page - STMicroelectronics STM32H742VG Datasheet HTML 238Page - STMicroelectronics STM32H742VG Datasheet HTML 239Page - STMicroelectronics STM32H742VG Datasheet HTML 240Page - STMicroelectronics STM32H742VG Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 357 page
background image
DS12110 Rev 10
237/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
7.3.10
PLL characteristics
The parameters given in Table 147 are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Table 122: General operating conditions.
Table 147. PLL characteristics (wide VCO frequency range)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
2
-
16
MHz
PLL input clock duty cycle
-
10
-
90
%
fPLL_P_OUT
PLL multiplier output clock P
VOS0
1.5
-
480(2)
MHz
VOS1
1.5
-
400(2)
VOS2
1.5
-
300(2)
VOS3
1.5
-
200(2)
fVCO_OUT
PLL VCO output
-
192
-
960
tLOCK
PLL lock time
Normal mode
-
50(3)
150(3)
µs
Sigma-delta mode
(CKIN
≥ 8 MHz)
-58(3)
166(3)
Jitter
Cycle-to-cycle jitter(4)
-
VCO =
192 MHz
-134
-
±ps
VCO =
200 MHz
-134
-
VCO =
400 MHz
-76
-
VCO =
800 MHz
-39
-
Long term jitter
Normal mode
VCO =
800 MHz
-
±0.7
-
%
Sigma-delta
mode (CKIN =
16 MHz)
VCO =
800 MHz
-
±0.8
-
IDD(PLL)(3)
PLL power consumption on VDD
VCO freq =
836 MHz
VDDA
-
590
1500
µA
VCORE
-720
-
VCO freq =
192 MHz
VDDA
-180
600
VCORE
-280
-
1. Guaranteed by design unless otherwise specified.
2. This value must be limited to the maximum frequency due to the product limitation (480 MHz for VOS0, 400 MHz for VOS1,
300 MHz for VOS2, 200 MHz for VOS3).
3. Guaranteed by characterization results.
4. Integer mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com