Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 286 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 286 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 282Page - STMicroelectronics STM32H742VG Datasheet HTML 283Page - STMicroelectronics STM32H742VG Datasheet HTML 284Page - STMicroelectronics STM32H742VG Datasheet HTML 285Page - STMicroelectronics STM32H742VG Datasheet HTML 286Page - STMicroelectronics STM32H742VG Datasheet HTML 287Page - STMicroelectronics STM32H742VG Datasheet HTML 288Page - STMicroelectronics STM32H742VG Datasheet HTML 289Page - STMicroelectronics STM32H742VG Datasheet HTML 290Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
286/357
DS12110 Rev 10
tSAMP
Sampling time in Sample
and Hold mode
CL=100 nF
(code transition between
the lowest input code and
the highest input code
when DAC_OUT reaches
the ±1LSB final value)
MODE<2:0>_V12=100/101
(BUFFER ON)
-0.7
2.6
ms
MODE<2:0>_V12=110
(BUFFER OFF)
-11.5
18.7
MODE<2:0>_V12=111
(INTERNAL BUFFER OFF)
-0.3
0.6
µs
CIint
Internal sample and hold
capacitor
-1.8
2.2
2.6
pF
tTRIM
Middle code offset trim
time
Minimum time to verify the each
code
50
-
-
µs
Voffset
Middle code offset for 1
trim code step
VREF+ = 3.6 V
-
850
-
µV
VREF+ = 1.8 V
-
425
-
IDDA(DAC)
DAC quiescent
consumption from VDDA
DAC output buffer
ON
No load,
middle
code
(0x800)
-
360
-
µA
No load,
worst code
(0xF1C)
-
490
-
DAC output buffer
OFF
No load,
middle/wor
st code
(0x800)
-20
-
Sample and Hold mode,
CSH=100 nF
-
360*TON/
(TON+TOFF)
(4)
-
IDDV(DAC)
DAC consumption from
VREF+
DAC output buffer
ON
No load,
middle
code
(0x800)
-
170
-
No load,
worst code
(0xF1C)
-
170
-
DAC output buffer
OFF
No load,
middle/wor
st code
(0x800)
-
160
-
Sample and Hold mode, Buffer
ON, CSH=100 nF (worst code)
-
170*TON/
(TON+TOFF)
(4)
-
Sample and Hold mode, Buffer
OFF, CSH=100 nF (worst code)
-
160*TON/
(TON+TOFF)
(4)
-
1. Guaranteed by design unless otherwise specified.
Table 187. DAC characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com