Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 289 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 289 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 285Page - STMicroelectronics STM32H742VG Datasheet HTML 286Page - STMicroelectronics STM32H742VG Datasheet HTML 287Page - STMicroelectronics STM32H742VG Datasheet HTML 288Page - STMicroelectronics STM32H742VG Datasheet HTML 289Page - STMicroelectronics STM32H742VG Datasheet HTML 290Page - STMicroelectronics STM32H742VG Datasheet HTML 291Page - STMicroelectronics STM32H742VG Datasheet HTML 292Page - STMicroelectronics STM32H742VG Datasheet HTML 293Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 357 page
background image
DS12110 Rev 10
289/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
7.3.22
Voltage reference buffer characteristics
Table 189. VREFBUF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
Normal mode
VSCALE = 000
2.8
3.3
3.6
V
VSCALE = 001
2.4
-
3.6
VSCALE = 010
2.1
-
3.6
VSCALE = 011
1.8
-
3.6
Degraded mode
VSCALE = 000
1.62
-
2.80
VSCALE = 001
1.62
-
2.40
VSCALE = 010
1.62
-
2.10
VSCALE = 011
1.62
-
1.80
VREFBUF
_OUT
Voltage Reference
Buffer Output, at 30 °C,
Iload= 100 µA
Normal mode
VSCALE = 000
2.498
2.5
2.5035
VSCALE = 001
2.046
2.049
2.052
VSCALE = 010
1.801
1.804
1.806
VSCALE = 011
1.4995 1.5015
1.504
Degraded mode(2)
VSCALE = 000
VDDA−
150 mV
-VDDA
VSCALE = 001
VDDA−
150 mV
-VDDA
VSCALE = 010
VDDA−
150 mV
-VDDA
VSCALE = 011
VDDA−
150 mV
-VDDA
TRIM
Trim step resolution
-
-
-
±0.05
±0.1
%
CL
Load capacitor
-
-
0.5
1
1.50
uF
esr
Equivalent Serial
Resistor of CL
--
-
-
2
Ω
Iload
Static load current
-
-
-
-
4
mA
Iline_reg
Line regulation
2.8 V ≤ VDDA ≤ 3.6 V
Iload = 500 µA
-
200
-
ppm/V
Iload = 4 mA
-
100
-
Iload_reg
Load regulation
500 µA ≤ ILOAD ≤ 4 mA
Normal Mode
-
50
-
ppm/
mA
Tcoeff
Temperature coefficient
−40 °C < TJ < +125 °C
-
-
Tcoeff
VREFINT
+ 100
ppm/
°C
PSRR
Power supply rejection
DC
-
-
60
-
dB
100KHz
-
-
40
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com