Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWNII Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 20Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 21Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 22Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 23Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 24Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 25Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 26Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 27Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Dimensions
(mm)
Indicator light
ø3.5 mounting hole
Most sensitive position
Weight
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
13
57
92
11
50
81
D-H7A1
D-H7A2
D-H7B
(g)
Grommet
Lead wire length
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
2 cores (Brown/Blue)
Auto switch model
D-H7A1
D-H7A2
D-H7B
3 cores (Brown/Blue/Black)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø3.4
ø1.1
0.2
ø0.08
21
Oilproof Heavy-duty Lead Wire Specifications
RoHS
Solid State Auto Switch
Band Mounting Type
D-H7A1/D-H7A2/D-H7B
D-H7
 (With indicator light)
Auto switch model
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-H7A1
NPN
28 VDC or less
40 mA or less
1.5 V or less
(0.8 V or less
at 10 mA load current)
D-H7A2
PNP
—
80 mA or less
0.8 V or less
Red LED illuminates when turned ON.
CE marking, RoHS
D-H7B
2-wire
—
24 VDC Relay, PLC
—
—
24 VDC (10 to 28 VDC)
5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
3-wire
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
100
µA or less at 24 VDC
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
1597
D-
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com