Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWNII Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 82Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 83Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 84Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 85Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 86Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 87Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 88Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 89Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
Most sensitive position
12
12
33
14
6
7
Indicator light
ø4.5
Auto switch model
0.5 m (
Nil)
3 m (
L)
25
80
D-A59W
Lead wire length
D-A59W (With indicator light)
Auto switch model
Applicable load
Load voltage
Load current range(3)
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
D-A59W
Relay, PLC
24 VDC
5 to 40 mA
y
Built-in
4 V or less
CE marking
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Note 3) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the
indicator light will not be possible where the output signal is less than 2.5 mA. However,
there is no problem in terms of contact output, when an output signal exceeds 1 mA or
more.
Auto switch model
Lead wire minimum bending radius [mm] (Reference values)
D-A59W
Sheath
Insulator
Conductor
ø4
2 cores (Brown/Blue)
ø1.22
0.3
ø0.08
24
Oilproof Heavy-duty Lead Wire Specifications
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
2-Color Indicator Reed Auto Switch
Tie-rod Mounting Type
D-A59W
Grommet
The proper operating range can
be determined by the color of
the light.
(Red
→ Green ← Red)
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Auto Switch Specifications
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
Dimensions
(mm)
Weight
(g)
1667
D-
D-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com