Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWNII Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 22Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 23Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 24Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 25Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 26Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 27Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 28Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 29Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
Weight
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
15
54
85
D-H7C
(g)
Connector
Lead wire length
1. Confirm that the connector is appropriately
tightened. If tightened insufficiently, the
waterproof performance will deteriorate.
2. Refer to page 1679 for the details.
Precautions
Caution
Lead wires with a connector indication
Model
D-LC05
D-LC30
D-LC50
Lead wire length
0.5 m
3 m
5 m
Part No. of Lead Wires with Connectors
(Applicable only for connector type)
RoHS
D-H7C (With indicator light)
Auto switch model
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-H7C
2-wire
—
24 VDC Relay, PLC
—
—
24 VDC (10 to 28 VDC)
5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
Red LED illuminates when turned ON.
CE marking, RoHS
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Dimensions
(mm)
Indicator light
ø3.5 mounting hole
Most sensitive position
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Note 3) Lead wires with a connector may be shipped with switches.
1599
Solid State Auto Switch
Band Mounting Type
D-H7C
D-
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com