Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWNII Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 30Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 31Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 32Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 33Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 34Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 35Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 36Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 37Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Weight
(g)
(mm)
Dimensions
Auto switch model
0.5 m (
Nil)
1 m (
M)
3 m (
L)
5 m (
Z)
D-M9NW(V)
8
14
41
68
D-M9PW(V)
D-M9BW(V)
7
13
38
63
Lead wire length
Grommet
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
 2-wire load current is reduced
(2.5 to 40 mA).
 Using flexible cable as standard
spec.
 The proper operating range can
be determined by the color of
the light. (Red
→ Green ← Red)
D-M9
W
D-M9
WV
RoHS
2 cores (Brown/Blue)
Auto switch model
D-M9NW(V)
D-M9PW(V)
D-M9BW(V)
3 cores (Brown/Blue/Black)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
2.6
0.88
0.15
0.05
17
Oilproof Flexible Heavy-duty Lead Wire Specifications
2-Color Indicator Solid State Auto Switch
Direct Mounting Type
D-M9NW(V)/D-M9PW(V)/D-M9BW(V)
Precautions
Caution
Fix the auto switch with the existing screw
installed on the auto switch body. The auto
switch may be damaged if a screw other
than the one supplied is used.
Auto switch model
Electrical entry direction
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-M9NWV
D-M9NW
D-M9BW D-M9BWV
2-wire
—
24 VDC relay, PLC
—
—
24 VDC (10 to 28 VDC)
2.5 to 40 mA
4 V or less
0.8 mA or less
D-M9PWV
D-M9PW
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
3-wire
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 V)
10 mA or less
40 mA or less
0.8 V or less at 10 mA (2 V or less at 40 mA)
100
µA or less at 24 VDC
CE marking, RoHS
In-line
Perpendicular
In-line
Perpendicular
In-line
Perpendicular
NPN
PNP
28 VDC or less
—
D-M9
W, D-M9WV (With indicator light)
Auto Switch Specifications
Refer to SMC website for the details of
the products conforming to the
international standards.
PLC: Programmable Logic Controller
Indicator light
ø2.6
0.3
7.5
Mounting screw M2.5 x 4 L
Slotted set screw
4
Most sensitive position
6
19.5
15.9
2
6 Most sensitive position
22.8
Indicator light
Slotted set screw (flat point)
Mounting screw M2.5 x 4 L
1607
D-
D-
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com