Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWNII Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 71Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 72Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 73Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 74Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 75Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 76Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 77Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 78Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
D-A3
D-A44
Weight
Auto switch model
114
116
D-A33
116
D-A34
D-A44
(g)
Lead wire
None
Terminal conduit: D-A3
DIN terminal: D-A4
1. Use cable whose O.D. is within the size in
the figure to maintain water resistant
performance.
2. After wiring, confirm that tightening gland
and all screws are tightened.
Precautions
Caution
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
D-A3 (With indicator light) Terminal conduit
Auto switch model
Applicable load
Load voltage
Load current range (2)
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
D-A33
PLC
24 VDC (3)
5 to 50 mA
e
None
2.4 V or less
24 VDC (3)
5 to 50 mA
D-A34
Relay, PLC
100 VAC
5 to 25 mA
q
Built-in
2.4 V or less (Up to 20 mA)/3.5 V or less (Up to 50 mA)
200 VAC
5 to 12.5 mA
Red LED illuminates when turned ON.
CE marking
D-A44 (With indicator light) DIN terminal
Auto switch model
Applicable load
Load voltage
Load current range
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
24 VDC (3)
5 to 50 mA
D-A44
Relay, PLC
100 VAC
5 to 25 mA
q
Built-in
2.4 V or less (Up to 20 mA)/3.5 V or less (Up to 50 mA)
Red LED illuminates when turned ON.
CE marking
200 VAC
5 to 12.5 mA
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the
indicator light will not be possible where the output signal is less than 2.5 mA. However,
there is no problem in terms of contact output, when an output signal exceeds 1 mA or
more.
Note 3) The auto switches can operate at 12 VDC, but consider the internal voltage drop of the auto
switch described in Reed Auto Switch Precautions on page 12.
Dimensions
(mm)
Indicator light
Most sensitive position
Applicable cable O.D. ø6.8 to ø9.6
G 1/2
Tightening
gland
Reed Auto Switch
Band Mounting Type
D-A33/D-A34/D-A44
16
3
49.5
36
Most sensitive position
Tightening
gland
G1/2
Applicable cable O.D. ø6.8 to ø11.5
1656
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com