Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWNII Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 59Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 60Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 61Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 62Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 63Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 64Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 65Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 66Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
D-M9NJ
D-M9PJ
Dimensions
Weight
Auto switch model
3 m (
L)
5 m (
Z)
(g)
(mm)
Lead wire length
160
200
Auto switch model
D-M9NJ
D-M9PJ
D-M9NJ
D-M9PJ
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø3.4
3 cores (Brown/Blue/Black)
ø1.1
0.2
ø0.08
21
Oilproof Heavy-duty Lead Wire Specifications (Grommet)
RoHS
Heat Resistant 2-Color Indicator
Solid State Auto Switch: Direct Mounting Type
D-M9NJ/D-M9PJ
Grommet
 Improved heat resistant type
 The proper operating range
can be determined by the
color of the light.
(Red
→ Green ← Red)
Precautions
Caution
This auto switch can be mounted on the
cylinder with heat resistant auto switch
(-XB14) and is not applicable to the heat
resistant cylinder (-XB6) since a magnet is not
built in it.
Do not disconnect the cable between the
sensor and amplifier by the customer.
Even when the sensor and amplifier are
connected again, a contact resistance is
produced, causing the auto switch to
malfunction. Additionally, the sensor and
amplifier are paired and they do not operate
correctly in different combinations.
D-M9NJ/D-M9PJ (With indicator light)
Auto switch model
Output type
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Ambient temperature
Impact resistance
Standard
100
µA at 24 VDC
0.8 V or less
40 mA or less
28 VDC or less
—
25 mA or less
20 to 26 VDC
PNP
NPN
D-M9NJ
D-M9PJ
Sensor section: 0 to 150
°C
Amplifier section: 0 to 60
°C
Sensor section: 1000 m/s2
Amplifier section: 300 m/s2
CE marking, RoHS
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
Heat resistant heavy-duty cord
Most sensitive position
3000 (5000)
3000
7
Indicator light
(64.5)
(4)
0.7
17.5
1636



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com