Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWNII Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 48Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 49Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 50Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 51Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 52Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 53Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 54Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 55Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
Weight
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
D-F6N
D-F6P
D-F6B
20
53
80
19
50
75
(g)
Lead wire length
Dimensions
D-F6
D-F6B
D-F6N/F6P
(mm)
2 cores (Brown/Blue)
Auto switch model
D-F6N
D-F6P
D-F6B
3 cores (Brown/Blue/Black)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø2.6
ø0.88
0.15
ø0.05
17
Oilproof Flexible Heavy-duty Lead Wire Specifications
RoHS
For Hygienic Design Cylinders
Solid State Auto Switch: Direct Mounting Type
D-F6N/D-F6P/D-F6B
Grommet
 2-wire load current is
reduced (2.5 to 40 mA)
 Using flexible cable as
standard spec.
Precautions
Caution
Fix the auto switch with the existing screw
installed on the auto switch body.
The auto switch may be damaged if a screw
other than the one supplied is used.
Auto switch part no.
Electrical entry direction
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-F6N
D-F6B
2-wire
—
24 VDC relay, PLC
—
—
24 VDC (10 to 28 VDC)
2.5 to 40 mA
4 V or less
0.8 mA or less
D-F6P
Red LED illuminates when turned ON.
CE marking, RoHS
3-wire
IC circuit, relay, and PLC
5, 12, 24 VDC (4.5 to 28 V)
10 mA or less
40 mA or less
0.8 V or less at 10 mA (2V or less at 40 mA)
100
µA or less at 24 V DC
In-line
NPN
PNP
28 VDC or less
—
D-F6
 (With indicator light)
Auto Switch Specifications
PLC: Programmable Logic Controller
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
8.5
Indicator light
10.6
29
7 Most sensitive position
7 Most sensitive position
1625
D-
D-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com