Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWNII Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 43Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 44Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 45Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 46Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 47Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 48Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 49Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 50Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
Dimensions
Grommet
 Water (coolant) resistant type
 Using flexible cable as
standard spec.
 The proper operating range
can be determined by the
color of the light.
(Red
→ Green ← Red)
Weight
Auto switch model
3 m (
L)
5 m (
Z)
D-Y7BA
54
88
(g)
Lead wire length
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
(mm)
Auto switch model
D-Y7BA
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø3.4
2 cores (Brown/Blue)
ø1
0.15
ø0.05
21
Oilproof Flexible Heavy-duty Lead Wire Specifications
RoHS
Water Resistant 2-Color Indicator
Solid State Auto Switch: Direct Mounting Type
D-Y7BA
Caution
Please consult with SMC if using coolant
liquid other than water based solution.
Detection characteristics (operating range)
are the same as D-Y5
 and D-Y7W, but
the detection area length is different.
Precautions
Auto Switch Specifications
D-Y7BA (With indicator light)
Auto switch model
Wiring type
Applicable load
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-Y7BA
2-wire
24 VDC Relay, PLC
24 VDC (10 to 28 VDC)
2.5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
CE marking, RoHS
Refer to SMC website for the details of
the products conforming to the
international standards.
PLC: Programmable Logic Controller
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
12.5
Most sensitive position
Production lot
DC24V
2.5
35
Indicator light
M2.5 x 4 L
D−Y7BA
Slotted set screw
1620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com