Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWNII Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 64Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 65Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 66Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 67Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 68Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 69Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 70Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 71Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
M8-4 pin
M12-4 pin
M8-3 pin
44
31.4
Dimensions
Connector model
M8-3 pin
4 pin
M12-4 pin
Sensor section
Sensor section
Weight for Connector Type
Connection (Female side) Connector Cable
As the parts are not supplied from SMC, refer to the application examples listed in the below.
(For detail such as catalog availability, etc., please contact each manufacturer.)
Connector size
M8
M12
SAC-3P
M8-3D
M8-4D
XS3
SAC-4P
VA-4D
XS2
PA5-4I
HR24
CM01-8DP4S
Manufacturer
Phoenix Contact
Corrence Corporation
OMROM Corporation
Phoenix Contact
Corrence Corporation
OMROM Corporation
Azbil Corp.
HIROSE ELECTRIC CO., LTD.
DDK Ltd.
4
3
Number of pins
Applicable series example
Part no.
Connector type
M8-3 pin
M8-4 pin
M12-4 pin
4 g
4 g
About 11 g
Weight
D-
APC
D-
BPC
D-
DPC
1649
With Pre-wired Connector
D-
D-
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com