Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWNII Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 60Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 61Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 62Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 63Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 64Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 65Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 66Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 67Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
Dimensions
Weight
Auto switch model
3 m (
L)
5 m (
Z)
(g)
(mm)
Lead wire length
D-F7NJ
170
210
Auto switch model
D-F7NJ
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø3.4
3 cores (Brown/Blue/Black)
ø1.1
0.2
ø0.08
21
Oilproof Heavy-duty Lead Wire Specifications (Grommet)
RoHS
Heat Resistant 2-Color Indicator
Solid State Auto Switch: Rail Mounting Type
D-F7NJ
Grommet
 Improved heat resistant type
 The proper operating range
can be determined by the
color of the light.
(Red
→ Green ← Red)
Precautions
Caution
Auto switch which can be mounted on heat
resistant, compact cylinder, CDQ2-XB14. For
using for other cylinders, please confirm
SMC.
D-F7NJ is not applicable for the heat resistant
type (-XB6) since a magnet is not built in it.
D-F7NJ (With indicator light)
Auto switch model
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Ambient temperature
Impact resistance
Standard
D-F7NJ
3-wire
NPN
Relay, PLC
24 VDC (20 to 26 VDC)
25 mA or less
28 VDC or less
40 mA or less
0.8 V or less
100
µA at 24 VDC
Sensor section: 0 to 150
°C
Amplifier section: 0 to 60
°C
Sensor section: 1000 m/s2
Amplifier section: 300 m/s2
CE marking, RoHS
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
8.5
3000 (5000)
3000
3.8
8
21.6
(4)
0.7
(64.5)
Most sensitive
position
Heat resistant heavy-duty cord
Indicator light
1637
D-
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com