Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-300C..7 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 11Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 12Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 13Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Aperture
Range (Standard Group I and II Sensor Pairs)
Range (Group I Sensor Pairs with
UC-300EL Upper Covers Substituted)
Aperture on Both Emitter and Received
Aperture on Receiver Only
Group I Sensors
Group II Sensors
Group I Sensors
Group II Sensors
Aperture on Both
Emitter and
Received
Aperture on
Receiver Only
AP31-020
89 mm
102 mm
457 mm
1.5 m
127 mm
914 mm
AP31-040
330 mm
457 mm
940 mm
3.2 m
183 mm
2 m
AP31-100
1.5 m
3 m
2.5 m
8.2 m
2.1 m
5.8 m
AP31-020H
406 mm
1.8 m
965 mm
9.1 m
864 mm
3.4 m
AP31-040H
914 mm
4 m
1.8 m
12.5 m
1.8 m
5.2 m
AP31-100H
2.3 m
10.4 m
2.9 m
20.7 m
5.2 m
8.5 m
AP31-200H
2.8 m
21.3 m
3 m
24.4 m
8.2 m
11 m
AP31-020V
457 mm
1.7 m
1 m
8.2 m
1 m
3.4 m
AP31-040V
1 m
5.5 m
1.8 m
15.8 m
2.1 m
5.5 m
AP31-100V
2.3 m
10.7 m
2.9 m
22.9 m
6.1 m
8.5 m
AP31-200V
2.8 m
22.9 m
3 m
25.9 m
8.5 m
11 m
GROUP I Emitter/ Receiver Pairs (see Range): SM31E/SM31R
GROUP II Emitter/ Receiver Pairs (see Range): SM31EL/SM31RL
Example: A MINI-BEAM sensor pair is in Group I. With an AP31-040 circular aperture on the receiver only, range is 940 mm (37 in).
With AP31-040 apertures on both emitter and receiver, range is 330 mm (13 in). Group I range with AP31-040 apertures and
UC-300EL upper covers on both units is 183 mm; range with receiver aperture only is 2 m (80 in).
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or
replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not
cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY
WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR
TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO
BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL
DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY,
STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously
manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the
product is identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void
the product warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time.
Specifications and product information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
For patent information, see www.bannerengineering.com/patents.
MINI-BEAM® DC Voltage Series Sensor
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com