Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-300C..7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UC-300C..7 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Sensing Mode
Range
LED
Model
CONVERGENT
16 mm (0.65 in) Focus
Visible red, 650 nm
SM312CV
43 mm (1.7 in) Focus
SM312CV2
CONVERGENT
16 mm (0.65 in) Focus
Visible blue, 475 nm
SM312CVB
49 mm (1.9 in) Focus
SM312CV2B
CONVERGENT
16 mm (0.65 in) Focus
Visible green, 525 nm
SM312CVG
49 mm (1.9 in) Focus
SM312CV2G
GLASS FIBER
Glass Fiber Optic
Range varies, depending on sensing mode
and fiber optics used.
Infrared, 880 nm
SM312F
Visible red, 650 nm
SM312FV
Visible blue, 475 nm
SM312FVB
Visible green, 525 nm
SM312FVG
PLASTIC FIBER
Plastic Fiber Optic
Visible red, 650 nm
SM312FP
Visible blue, 475 nm
SM312FPB
Visible green, 525 nm
SM312FPG
Special High-Power Option Plastic Fiber
Optic
Visible red, 650 nm
SM312FPH
Overview
1
2
3
1. Adjustment Indicator Device (AID)
2. Gain (sensitivity) adjustment screw
3. Light/dark operate select switch
Adjust clockwise for light operate (outputs conduct when sensing light is
received) and counterclockwise for dark operate (outputs conduct when
sensing light is not received).
Wiring Diagrams
Emitters with Attached Cable
All Other Models with Attached Cable
bn
bu
+
–
10-30V dc
bn
wh
bu
+
–
bk
Load
Load
10-30V dc
MINI-BEAM® DC Voltage Series Sensor
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 69943 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com