Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-300C..7 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button UC-300C..7 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Performance Curves for the SM312Lx Retroreflective Models
Beam Pattern for SM312LVxx
Excess Gain Curve for
SM312LVxx
Beam Pattern for SM312LP
Excess Gain Curve for
SM312LP
5 m
15 ft
4 m
12 ft
3 m
9 ft
2 m
6 ft
1 m
3 ft
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0 in
2.0 in
3.0 in
1.0 in
2.0 in
3.0 in
Distance
Retroreflective Mode
SM312LV
SM2A312LV
With BRT-3 Reflector
1
10
100
1000
.10 m
.33 ft
1.0 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
Distance
Retroreflective Mode
With BRT-3 Reflector
SM312LV
SM2A312LV
3.0 m
20 ft
2.4 m
8 ft
1.8 m
6 ft
1.2 m
4 ft
.6 m
2 ft
0
0
20 mm
40 mm
60 mm
20 mm
40 mm
60 mm
0
0.8 in
1.6 in
2.4 in
0.8 in
1.6 in
2.4 in
Distance
Retroreflective Mode
SM312LP
SM2A312LP
With BRT-3 Reflector
1
10
100
0.1 m
0.3 ft
1 m
3 ft
10 m
30 ft
.01 m
0.03 ft
1000
Distance
Retroreflective Mode
SM312LP
SM2A312LP
With BRT-3 Reflector
3.0 m
10 ft
2.4 m
8 ft
1.8 m
6 ft
1.2 m
4 ft
.6 m
2 ft
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0 in
2.0 in
3.0 in
1.0 in
2.0 in
3.0 in
Distance
Retroreflective Mode
SM312LVAG
SM2A312LVAG
With BRT-3 Reflector
1
10
100
.10 m
.33 ft
1.0 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
1000
Distance
Retroreflective Mode
With BRT-3 Reflector
SM312LVAG
SM2A312LVAG
Performance Curves for the SM312Dx and SM312W Diffuse Models
Beam Pattern for SM312Dx
Excess Gain Curve for
SM312Dx
Beam Pattern for SM312W
Excess Gain Curve for
SM312W
375 mm
15.0 in
300 mm
12.0 in
225 mm
9.0 in
150 mm
6.0 in
75 mm
3.0 in
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
0
0.2 in
0.4 in
0.6 in
0.2 in
0.4 in
0.6 in
Distance
Diffuse Mode
SM312D, SM2A312D
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
Distance
Diffuse Mode
SM312D, SM2A312D
125 mm
5.0 in
100 mm
4.0 in
75 mm
3.0 in
50 mm
2.0 in
25 mm
1.0 in
0
0
7.5 mm
15.0 mm
22.5 mm
7.5 mm
15.0 mm
22.5 mm
0
0.3 in
0.6 in
0.9 in
0.3 in
0.6 in
0.9 in
Distance
Diffuse Mode
SM312W, SM2A312W
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
Distance
Diffuse Mode
SM312W
SM2A312W
375 mm
15.0 in
300 mm
12.0 in
225 mm
9.0 in
150 mm
6.0 in
75 mm
3.0 in
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
0
0.2 in
0.4 in
0.6 in
0.2 in
0.4 in
0.6 in
Distance
Diffuse Mode
SM312DBZ, SM2A312DBZ
1
10
100
10 mm
.40 in
100 mm
4.0 in
1000 mm
40 in
1 mm
.04 in
1000
Distance
Diffuse Mode
SM312DBZ
SM2A312DBZ
MINI-BEAM® DC Voltage Series Sensor
P/N 69943 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com