Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-300C..7 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UC-300C..7 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Diffuse Mode Alignment
Object
If the Alignment LED does not turn OFF when the object is
removed from the beam, the sensor is probably detecting light
reflected from some background object. To remedy this problem:
•
Reduce the reflectivity of the background by painting the
surface(s) flat-black, scuffing any shiny surface, or
drilling a large hole, directly opposite the diffuse sensor
•
Move the sensor closer to the object to be detected and
reduce the Gain adjustment. Rule of thumb for diffuse
sensing: The distance to the nearest background object
should be at least three times the sensing distance
Note:
•
Light condition: sensor output is ON
when there is no object in the beam
•
Dark condition: sensor output is ON
when there is an object in the beam
Retroreflective Mode Alignment
Retro
Target
A highly reflective object may reflect enough light back to a
retroreflective sensor to allow that object to slip through the
beam, without being detected. This problem is called proxing,
and the following methods may be used to correct it:
•
Position the sensor and retro target so the beam will not
strike a shiny surface perpendicular to the sensor lens
•
Reduce the Gain adjustment
•
Add a polarizing filter (for model SM312LV)
Note:
•
Light condition: sensor output is ON
when there is no object in the beam
•
Dark condition: sensor output is ON
when there is an object in the beam
Convergent Mode Alignment
Object
Low
Reflectivity
Background
The sensing energy of a convergent mode sensor is
concentrated at the specified focus point. Convergent mode
sensors are less sensitive to background reflections, compared
with diffuse mode sensors. However, if background reflections
are a problem:
•
Skew the sensor position at a 10° to 25° angle to
eliminate direct reflections from shiny background
surfaces
•
Reduce the reflectivity of the background by painting the
surface(s) flat-black, scuffing any shiny surface, or
drilling a large hole, directly opposite the sensor
•
Reduce the Gain adjustment
Note:
•
Light condition: sensor output is ON
when there is no object in the beam
•
Dark condition: sensor output is ON
when there is an object in the beam
MINI-BEAM® DC Voltage Series Sensor
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 69943 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com