Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-300C..7 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UC-300C..7 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 11Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Performance Curves for the SM312Cx Convergent Models
Beam Pattern for SM312C
Excess Gain Curve for
SM312C
Beam Pattern for SM312CV
Excess Gain Curve for
SM312CV
125 mm
(5")
100 mm
(4")
75 mm
(3")
50 mm
(2")
25 mm
(1")
0
0
1.2 mm
2.5 mm
3.8 mm
1.2 mm
2.5 mm
3.8 mm
0
0.05"
0.10"
0.15"
0.05"
0.10"
0.15"
Distance
SM312C, SM2A312C
Convergent Mode
1
10
100
10 mm
(0.4")
100 mm
(4")
1000 mm
(40")
1 mm
(0.04")
1000
Distance
SM312C,
SM2A312C
Convergent Mode
37.5 mm
(1.5")
30 mm
(1.2")
22.5 mm
(0.9")
15 mm
(0.6")
7.5 mm
(0.3")
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04"
0.08"
0.12"
0.04"
0.08"
0.12"
Distance
SM312CV, SM2A312CV
Convergent Mode
1
10
100
10 mm
(0.4")
100 mm
(4")
1000 mm
(40")
1 mm
(0.04")
1000
Distance
SM312CV
SM2A312CV
Convergent Mode
125 mm
(5")
100 mm
(4")
75 mm
(3")
50 mm
(2")
25 mm
(1")
0
0
1.2 mm
2.5 mm
3.8 mm
1.2 mm
2.5 mm
3.8 mm
0
0.05"
0.10"
0.15"
0.05"
0.10"
0.15"
Distance
SM312C2, SM2A312C2
Convergent Mode
1
10
100
10 mm
(0.4")
100 mm
(4")
1000 mm
(40")
1 mm
(0.04")
1000
Distance
SM312C2
SM2A312C2
Convergent Mode
125 mm
(5")
100 mm
(4")
75 mm
(3")
50 mm
(2")
25 mm
(1")
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04"
0.08"
0.12"
0.04"
0.08"
0.12"
Distance
SM312CV2, SM2A312CV2
Convergent Mode
1
10
100
10 mm
(0.4")
100 mm
(4")
1000 mm
(40")
1 mm
(0.04")
1000
Distance
SM312CV2
SM2A312CV2
Convergent Mode
Performance is based on a 90% reflectance white test card.
Beam Pattern for SM312CVB
Excess Gain Curve for
SM312CVB
Beam Pattern for SM312CVG
Excess Gain Curve for
SM312CVG
37.5 mm
(1.5")
30 mm
(1.2")
22.5 mm
(0.9")
15 mm
(0.6")
7.5 mm
(0.3")
0
0
0.40 mm
0.80 mm
1.20 mm
0.40 mm
0.80 mm
1.20 mm
0
0.015"
0.030"
0.045"
0.015"
0.030"
0.045"
Distance
SM312CVB
Convergent Mode
1
10
100
10 mm
(0.4")
100 mm
(4")
1000 mm
(40")
1 mm
(0.04")
1000
Distance
SM312CVB
Convergent Mode
37.5 mm
1.5 in
30 mm
1.2 in
22.5 mm
0.9 in
15 mm
0.6 in
7.5 mm
0.3 in
0
0
0.40 mm
0.80 mm
1.20 mm
0.40 mm
0.80 mm
1.20 mm
0
0.015 in
0.030 in
0.045 in
0.015 in
0.030 in
0.045 in
Distance
SM312CVG, SM2A312CVG
Convergent Mode
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
Distance
SM312CVG,
SM2A312CVG
Convergent Mode
125 mm
(5")
100 mm
(4")
75 mm
(3")
50 mm
(2")
25 mm
(1")
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04"
0.08"
0.12"
0.04"
0.08"
0.12"
Distance
SM312CV2B
Convergent Mode
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
Distance
SM312CV2B
Convergent Mode
125 mm
5 in
100 mm
4 in
75 mm
3 in
50 mm
2 in
25 mm
1 in
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04 in
0.08 in
0.12 in
0.04 in
0.08 in
0.12 in
Distance
SM312CV2G
Convergent Mode
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
Distance
SM312CV2G
Convergent Mode
MINI-BEAM® DC Voltage Series Sensor
8
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 69943 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com