Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-300C..7 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button UC-300C..7 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 11Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 12Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Performance Curves for the SM312F Glass Fiber Optic Models
Diffuse Mode
Opposed Mode
Beam Pattern for SM312F
Excess Gain Curve for
SM312F
Beam Pattern for SM312F
Excess Gain Curve for
SM312F
37.5 mm
1.5 in
30 mm
1.2 in
22.5 mm
0.9 in
15 mm
0.6 in
7.5 mm
0.3 in
0
0
0.65 mm
1.3 mm
1.9 mm
0.65 mm
1.3 mm
1.9 mm
0
0.025 in
0.050 in
0.075 in
0.025 in
0.050 in
0.075 in
Distance
Diffuse Mode
BT23S
BT13S
SM312F, SM2A312F
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
Distance
Diffuse Mode
Glass Fibers
BT23S Fiber
BT13S Fiber
SM312F, SM2A312F
500 mm
20 in
400 mm
16 in
300 mm
12 in
200 mm
8 in
100 mm
4 in
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1 in
2 in
3 in
1 in
2 in
3 in
Distance
Opposed Mode
IT13S
IT23S
SM312F, SM2A312F
1
10
100
.1 m
.33 ft
1 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
1000
Distance
Opposed Mode
Glass Fibers
IT23S Fibers
w/L9 lenses
IT23S
Fibers
IT13S
Fibers
SM312F, SM2A312F
Diffuse Mode
Opposed Mode
Beam Pattern for SM312FV
Excess Gain Curve for
SM312FV
Beam Pattern for SM312FV
Excess Gain Curve for
SM312FV
25 mm
1.0 in
20 mm
0.8 in
15 mm
0.6 in
10 mm
0.4 in
5 mm
0.2 in
0
0
0.65 mm
1.30 mm
1.95 mm
0.65 mm
1.30 mm
1.95 mm
0
0.025 in
0.050 in
0.075 in
0.025 in
0.050 in
0.075 in
Distance
Diffuse Mode
BT23S
BT13S
SM312FV, SM2A312FV
1
10
100
1 mm
.04 in
10 mm
.40 in
100 mm
4 in
.1 mm
.004 in
1000
Distance
Diffuse Mode
SM312FV
SM2A312FV
BT23S Fiber
BT13S Fiber
250 mm
10 in
200 mm
8 in
150 mm
6 in
100 mm
4 in
50 mm
2 in
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1 in
2 in
3 in
1 in
2 in
3 in
Distance
Opposed Mode
IT13S
IT23S
SM312FV, SM2A312FV
1
10
100
10 mm
.40 in
100 mm
4.0 in
1000 mm
40 in
1 mm
.04 in
1000
Distance
Opposed Mode
IT13S Fiber
IT23S Fiber
SM312FV
SM2A312FV
Beam Pattern for SM312FVB
Excess Gain Curve for
SM312FVB
Beam Pattern for SM312FVG
Excess Gain Curve for
SM312FVG
40 mm
(1.5")
32 mm
(1.2")
24 mm
(0.9")
16 mm
(0.6")
8 mm
(0.3")
0
0
1.0 mm
1.0 mm
0
0.04"
0.04"
2.0 mm
0.08"
3.0 mm
2.0 mm
0.08"
0.12"
3.0 mm
0.12"
Distance
BT23S
BT13S
SM312FVB
Diffuse Mode
1
10
100
1 mm
(0.04")
10 mm
(0.40")
100 mm
(4")
0.1 mm
(0.004")
1000
Distance
SM312FVB
Diffuse Mode
BT23S Fiber
BT13S Fiber
40 mm
1.5 in
32 mm
1.2 in
24 mm
0.9 in
16 mm
0.6 in
8 mm
0.3 in
0
0
1.0 mm
1.0 mm
0
0.04 in
0.04 in
2.0 mm
0.08 in
3.0 mm
2.0 mm
0.08 in
0.12 in
3.0 mm
0.12 in
Distance
BT23S
BT13S
SM312FVG
Diffuse Mode
1
10
100
1 mm
.04 in
10 mm
.40 in
100 mm
4 in
.1 mm
.004 in
1000
Distance
SM312FVG
Diffuse Mode
BT23S Fiber
BT13S Fiber
Performance Curves for the SM312FP Plastic Fiber Models
Diffuse Mode
Opposed Mode
Beam Pattern for SM312FP
Excess Gain Curve for
SM312FP
Beam Pattern for SM312FP
Excess Gain Curve for
SM312FP
37.5 mm
1.5 in
30 mm
1.2 in
22.5 mm
0.9 in
15 mm
0.6 in
7.5 mm
0.3 in
0
0
1.2 mm
2.5 mm
3.8 mm
1.2 mm
2.5 mm
3.8 mm
0
0.05 in
0.01 in
0.015 in
0.05 in
0.10 in
0.15 in
Distance
SM312FP/SM2A312FP
Diffuse Mode
PBT46U
PBT26U
1
10
100
1 mm
.04 in
10 mm
.4 in
100 mm
4 in
.1 mm
.004 in
1000
Distance
SM312FP
SM2A312FP
Diffuse Mode
Plastic Fibers
PBT46U Fiber
PBT26U Fiber
125 mm
5 in
100 mm
4 in
75 mm
3 in
50 mm
2 in
25 mm
1 in
0
0
15 mm
30 mm
45 mm
15 mm
30 mm
45 mm
0
0.6 in
1.2 in
1.8 in
0.6 in
1.2 in
1.8 in
Distance
SM312FP/SM2A312FP
Opposed Mode
PIT46U
PIT26U
1
10
100
10 mm
.40 in
100 mm
4.0 in
1000 mm
40 in
1 mm
.04 in
1000
Distance
SM312FP
SM2A312FP
Opposed Mode
Plastic Fibers
PIT46U Fiber
PIT26U Fiber
MINI-BEAM® DC Voltage Series Sensor
P/N 69943 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com