Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-300C..7 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 11Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 12Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 13Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SMB18SF
•
18 mm swivel bracket with M18
× 1 internal thread
•
Black thermoplastic polyester
•
Stainless steel swivel locking
hardware included
B
A
51
42
25
Hole center spacing: A = 36.0
Hole size: A = ø 5.3, B = ø 18.0
SMB18UR
•
2-piece universal swivel
bracket
•
300 series stainless steel
•
Stainless steel swivel
locking hardware included
•
Mounting hole for 18 mm
sensor
137
64
42
B
A
C
Hole center spacing: A = 25.4, B = 46.7
Hole size: B = 6.9 × 32.0, C = ø 18.3
SMB312PD
•
Right-angle mounting
bracket with a curved slot
for versatile orientation
•
12-ga. stainless steel
•
18 mm sensor mounting
hole
•
Clearance for M4 (#8)
hardware
46
41
B
C
A
32
Hole center spacing: A to B = 24.2
Hole size: A = ø 4.6, B = 17 × 4.6, C = ø 18.5
Note: Not for use with plastic fiber optic sensors
SMBAMS18RA
•
Right-angle SMBAMS series
bracket with 18 mm hole
•
Articulation slots for 90+°
rotation
•
12-ga. (2.6 mm) cold-rolled
steel
48
45
40
A
B
C
Hole center spacing: A = 26.0, A to B = 13.0
Hole size: A = 26.8 × 7.0, B = ø 6.5, C = ø 19.0
SMBAMS18P
•
Flat SMBAMS series
bracket with 18 mm hole
•
Articulation slots for 90+°
rotation
•
12-ga. (2.6 mm) cold-rolled
steel
45
78
A
B
C
Hole center spacing: A = 26.0, A to B = 13.0
Hole size: A = 26.8 × 7.0, B = ø 6.5, C = ø 19.0
SMB30SK
•
Flat-mount swivel bracket with
extended range of motion
•
Black reinforced thermoplastic
polyester and 316 stainless steel
•
Stainless steel swivel locking
hardware included
68
57
78
A
B
Hole center spacing: A = 50.8
Hole size: A = ø 7, B = ø 18
SMB3018SC
•
18 mm swivel side or barrel-
mount bracket
•
Black reinforced
thermoplastic polyester
•
Stainless steel swivel
locking hardware included
B
A
67
59
29
Hole center spacing: A = 50.8
Hole size: A = ø 7.0, B = ø 18.0
SMB30SUS
•
Side-mount swivel with extended
range of motion
•
Black reinforced thermoplastic
polyester
•
Stainless steel swivel locking
hardware included
A
67
58
29
B
Hole center spacing: A = 50.8, B = 24.1
Hole size: A = ø 7, B = ø 7.6
SMB312S
•
Stainless steel 2-axis, side-
mount bracket
46
B
C
A
32
20
A = 4.3 × 7.5, B = diam. 3, C = 3 × 15.3
SMB312B
•
Stainless steel 2-axis,
bottom-mount bracket
•
Includes mounting foot
51
24
23
B
C
A
A = diam. 6.9, B = 4.3 × 10.5, C = 3.1 × 15.2
MINI-BEAM® DC Voltage Series Sensor
12
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 69943 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com