Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-300C..7 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 11Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 12Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 13Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Beam Pattern for SM312FPB
Excess Gain Curve for
SM312FPB
Beam Pattern for SM312FPG
Excess Gain Curve for
SM312FPG
20 mm
(0.75")
16 mm
(0.60")
12 mm
(0.45")
8 mm
(0.30")
4 mm
(0.15")
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04"
0.08"
0.12"
0.04"
0.08"
0.12"
Distance
SM312FPB
Diffuse Mode
PBT46U
1
10
100
1 mm
(0.04")
10 mm
(0.4")
100 mm
(4")
0.1 mm
(0.004")
1000
Distance
SM312FPB
Diffuse Mode
Plastic Fiber
PBT46U Fiber
20 mm
0.75 in
16 mm
0.60 in
12 mm
0.45 in
8 mm
0.30 in
4 mm
0.15 in
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04 in
0.08 in
0.12 in
0.04 in
0.08 in
0.12 in
Distance
SM312FPG
Diffuse Mode
PBT46U
1
10
100
1 mm
.04 in
10 mm
.4 in
100 mm
4 in
.1 mm
.004 in
1000
Distance
SM312FPG
Diffuse Mode
Plastic Fiber
PBT46U Fiber
Dimensions
Cabled Models
(Suffix E, EL, EPD, R, RL, RPD, LV, LVAG, LP, LPC, D, C, C2,
CV, CV2, CVG, CV2G, CVB, CV2B, CVW )
3.2 mm (0.13”)
12.2 mm (0.48”)
3 mm dia Clearance (2)
M18 × 1 × 15 mm Thread
(Mounting nut supplied)
27.4 mm (1.08”)
53.3 mm (2.10”)
19.1 mm (0.75”)
Mounting peg
(6.3 mm dia × 2.5 mm)
2 m (6.5’) Cable
30.7 mm
(1.21”)
24.1 mm
(0.95”)
Divergent Diffuse Models
(Suffix DBZ and W)
3 mm dia Clearance (2)
Bezel
18.0 mm (0.71”)
13.2 mm (0.52”)
39.1 mm
(1.54”)
Glass Fiber Models
(Suffix F, FV, FVB, FVG, FVW)
M18 x 1 x 19 mm Thread
(Mounting Nut Supplied)
57.5 mm (2.27")
31.2 mm (1.23")
Fiber Optic Fitting
Plastic Fiber Models
(Suffix FP, FPB, FPG, FPH, FPW)
3.2 mm (0.13”)
12.2 mm (0.48”)
3 mm dia clearance (2)
Fiber
Optic
Fitting
22.3 mm
(0.88”)
16.2 mm
(0.64”)
42.1 mm
(1.66”)
19.1 mm
(0.75”)
Mounting Peg
(6.3 mm dia × 2.5 mm)
2 m (6.5’) Cable
30.7 mm
(1.21”)
24.1 mm
(0.95”)
QD Models
20.0 mm
(0.79”)
12 mm Thread
Quick-disconnect
MINI-BEAM® DC Voltage Series Sensor
10
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 69943 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com