Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-300C..7 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button UC-300C..7 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1. Install the O-ring (supplied with the fiber) on each fiber end, as shown in the drawing.
2. While pressing the fiber ends firmly into the ports on the sensor front, slide the U-shaped retaining clip (supplied with the
sensor) into the slot in the sensor's barrel, until it snaps into place.
Specifications
Supply Voltage and Current
10 to 30 V DC (10% maximum ripple) at less than 25 mA (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: One current sourcing (PNP) and one current sinking (NPN) open
collector transistor
Output Rating
150 mA maximum each output at 25 °C, derated to 100 mA at 70 °C (derate
≈ 1 mA per °C)
OFF State Leakage Current: less than 1 microamp
Output Saturation Voltage (PNP Output): less than 1 V at 10 mA, less than 2
V at 150 mA
Output Saturation Voltage (NPN Output): less than 200 millivolts at 10 mA,
less than 1 V at 150 mA
Environmental Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12, and 13; IP67.
Connections
PVC-jacketed 4-conductor 2 m (6.5 ft) or 9 m (30 ft) cables, or 4-pin M12
male QD fitting; QD cables available separately
Operating Conditions
–20 °C to +70 °C (–4 °F to +158 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Application Note
The NPN (current sinking) output of dc MINI-BEAM sensors is directly
compatible as an input to Banner logic modules, including all non-amplified
MAXI-AMP and MICRO-AMP modules. MINI-BEAMs are TTL compatible.
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or short-
circuit of outputs
Output Response Time
Sensors will respond to either a “light” or “dark” signal of 1 millisecond or
longer duration, 500 Hz maximum. Modification for 0.3 millisecond response
is available (MHS-suffix models; these models also feature reduced
sensitivity range and reduced repeatability.)
Note: Outputs are non-conducting during 100
millisecond delay on power-up.
Repeatability
Opposed: 0.14 milliseconds
Non-Polarized and Polarized Retro, Diffuse, Convergent, Glass Fiber Optic,
and Plastic Fiber Optic: 0.3 milliseconds
Response time and repeatability specifications are independent
of signal strength.
Adjustments
Light/Dark Operate Select switch
15-turn slotted brass screw Gain (sensitivity) adjustment potentiometer
(clutched at both ends of travel)
Located on the rear panel, protected by a gasketed, clear acrylic cover.
Indicators
Patented Alignment Indicator Device system (AID™, US patent #4356393)
lights a rear-panel-mounted LED indicator when the sensor sees light. Its
pulse rate is proportional to the light signal strength (the stronger the signal,
the faster the pulse rate).
Construction
Reinforced thermoplastic polyester housing, totally encapsulated, o-ring
sealing, acrylic lenses, stainless steel screws
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance with
local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product application
per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Certifications
Performance Curves for SM31Ex Emitter and SM31Rx Receiver Models
Beam Pattern for SM31E/R
Excess Gain Curve for
SM31E/R
Beam Pattern for SM31EL/RL
Excess Gain Curve for
SM31EL/RL
3.0 m
10 ft
2.4 m
8 ft
1.8 m
6 ft
1.2 m
4 ft
0.6 m
2 ft
0
0
100 mm
200 mm
300 mm
100 mm
200 mm
300 mm
0
4.0 in
8.0 in
12.0 in
4.0 in
8.0 in
12.0 in
Distance
Opposed Mode
SM31E & SM31R
SMA31E & SM2A31R
1
10
100
.10 m
.33 ft
1.0 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
Distance
1000
Opposed Mode
SM31E & SM31R
SMA31E & SM2A31R
30 m
100ft
24 m
80 ft
18 m
60 ft
12 m
40 ft
6 m
20 ft
0
0
250 mm
500 mm
750 mm
250 mm
500 mm
750 mm
0
10.0 in
20.0 in
30.0 in
10.0 in
20.0 in
30.0 in
Distance
Opposed Mode
SM31EL & SM31RL
SMA31EL & SM2A31RL
1
10
100
1.0 m
3.3 ft
10 m
33 ft
100 m
330 ft
0.1 m
0.33 ft
1000
Distance
Opposed Mode
SM31EL & SM31RL
SMA31EL & SM2A31RL
Effective Beam: 3.5 mm
Effective Beam: 13 mm
MINI-BEAM® DC Voltage Series Sensor
6
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 69943 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com