Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-300C..7 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # UC-300C..7
Description  MINI-BEAM® DC Voltage Series Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC-300C..7 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button UC-300C..7 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 11Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 12Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 13Page - List of Unclassifed Manufacturers UC-300C..7 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Miscellaneous Accessories and Replacement Parts
MINI-BEAM lens assemblies are field-replaceable.
Replacement Lens Model
Replacement Lens for MINI-BEAM Model
Possible Sensing Mode or Range Changes
UC-300AG
LVAG
LV to LVAG
UC-300BZ
W and DBZ
D to DBZ and F to DBZ
UC-300C..7
C, CV, and CVG
CV2 to CV
UC-300C2
C2 and CV2
CV to CV2
UC-300E
E and R
-
UC-300EL
EL and RL
Extends the range of the E/R models
UC-300EPD
EPD
-
UC-300F
F and FV
D to F and DBZ to F
UC-300FP
FP (old style)
-
UC-300FP2
FP
-
UC-300L
LV and D
F to D, LVAG to LV, and DBZ to D
UC-300LP
LP
-
UC-300RPD
RPD
-
MINI-BEAM right-angle reflectors are useful for tight sensing locations. These reflectors significantly decrease excess gain.
Right-Angle Reflectors
RAR300SM
•
Side mount right-angle reflector
•
Profile dimension of 14 mm (0.56
inches) in the direction of the scan
•
Use with MINI-BEAM models 31E,
EL, R, RL; and 312D, DBZ, LV, W
30.48 mm
[1.2”]
42.4 mm
[1.67”]
55.7 mm
[2.2”]
12.7 mm
[0.5”]
24.13 mm
[0.95”]
3.18 mm dia
[0.125”]
45°
RAR300FM
•
Front mount right-angle reflector
that attaches directly to the
threaded barrel of most MINI-
BEAMs
•
Profile dimension of 34 mm (1.35
inches) in the direction of the scan
•
Use with MINI-BEAM models 31E,
EL, R, RL; and 312D, LV
30.5 mm
[1.2”]
24.13 mm
[0.95”]
4.45 mm
[0.18”]
32.5 mm
[1.28”]
17.5 mm
[0.69”]
dia 3.18mm (2)
[0.125’”]
45°
37.6 mm
[1.48”]
Opposed-mode MINI-BEAM sensors may be fitted with apertures that narrow or shape the effective beam of the sensor to more
closely match the size or profile of the object to be sensed, for example, the use of “line” (or “slit”) apertures for sensing wire or
thread. Each model contains 20 apertures.
MINI-BEAM Opposed-Mode Aperture Kits
Model
Description
Qty
Circular
AP31-020
0.5 mm dia.
20
AP31-040
1.0 mm dia.
20
AP31-100
2.5 mm dia.
20
Horizontal Slot
AP31-020H
0.5 x 6.4 mm
20
AP31-040H
1.0 x 6.4 mm
20
AP31-100H
2.5 x 6.4 mm
20
AP31-200H
5.1 x 6.4 mm
20
Vertical Slot
AP31-020V
0.5 x 12.7 mm
20
AP31-040V
1.0 x 12.7 mm
20
AP31-100V
2.5 x 12.7 mm
20
AP31-200V
5.1 x 12.7 mm
20
Kit
AP31-DVHX2
2 of each aperture
2
MINI-BEAM® DC Voltage Series Sensor
P/N 69943 Rev. G
www.bannerengineering.com - Tel: + 1 888 373 6767
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com