Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 52 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 52 Page - SPANSION

Back Button S71GS256 Datasheet HTML 48Page - SPANSION S71GS256 Datasheet HTML 49Page - SPANSION S71GS256 Datasheet HTML 50Page - SPANSION S71GS256 Datasheet HTML 51Page - SPANSION S71GS256 Datasheet HTML 52Page - SPANSION S71GS256 Datasheet HTML 53Page - SPANSION S71GS256 Datasheet HTML 54Page - SPANSION S71GS256 Datasheet HTML 55Page - SPANSION S71GS256 Datasheet HTML 56Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 195 page
background image
52
S29GLxxxN MirrorBitTM Flash Family
S29GLxxxN_MCP_A1 December 15, 2004
Advan ce
In form ati o n
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector
group protection verification, through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment to automatically match a
device to be programmed with its corresponding programming algorithm. How-
ever, the autoselect codes can also be accessed in-system through the command
register.
When using programming equipment, the autoselect mode requires VID on ad-
dress pin A9. Address pins A6, A3, A2, A1, and A0 must be as shown in Table 5.
In addition, when verifying sector protection, the sector address must appear on
the appropriate highest order address bits (see Table 2). Table 5 shows the re-
maining address bits that are don’t care. When all necessary bits have been set
as required, the programming equipment may then read the corresponding iden-
tifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host system can issue the autose-
lect command via the command register, as shown in Table 12. This method does
not require VID. Refer to the Autoselect Command Sequence section for more
information.
SA123
1
1
1
0
1
1
128/64
07B0000–07BFFFF
SA124
1
1
1
1
0
0
128/64
07C0000–07CFFFF
SA125
1
1
1
1
0
1
128/64
07D0000–07DFFFF
SA126
1
1
1
1
1
0
128/64
07E0000–07EFFFF
SA127
1
1
1
1
1
1
128/64
07F0000–07FFFFF
Table 4. Sector Address Table–S29GL128N (Continued)
Sector
A22–A16
Sector Size
(Kbytes/
Kwords)
Address Range
(in hexadecimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com