Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 1 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 1 Page - SPANSION

  S71GS256 Datasheet HTML 1Page - SPANSION S71GS256 Datasheet HTML 2Page - SPANSION S71GS256 Datasheet HTML 3Page - SPANSION S71GS256 Datasheet HTML 4Page - SPANSION S71GS256 Datasheet HTML 5Page - SPANSION S71GS256 Datasheet HTML 6Page - SPANSION S71GS256 Datasheet HTML 7Page - SPANSION S71GS256 Datasheet HTML 8Page - SPANSION S71GS256 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 195 page
background image
This document contains information on a product under development at Spansion, LLC. The information is intended to help you evaluate this product. Do not design in
this product without contacting the factory. Spansion reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71GS256/128N_00
Revision A Amendment 0 Issue Date December 17, 2004
ADVANCE
INFORMATION
S71GS256/128N based MCPs
Stacked Multi-Chip Product (MCP)
256/128 Megabit (16/8M x 16-bit) CMOS 3.0 Volt VCC and
1.8 V VIO MirrorBitTM Uniform Sector Page-mode Flash
Memory with 64/32 Megabit (4/2M x 16-bit) 1.8V pSRAM
Data Sheet
Distinctive Characteristics
MCP Features
■ Power supply voltage
—Flash Memory
VCC: 2.7V to 3.1V
VIO: 1.65V to 1.95V
— pSRAM
VCC: 1.7 V to 1.95 V
High Performance
■ 110 ns access time
■ 30 ns page read times
■ Packages:
— 8.0x11.6x1.2 mm FBGA (TLA084)
■ Operating Temperature
— -25°C to +85°C (Wireless)
General Description
The S71GS Series is a product line of stacked Multi-chip Product (MCP) packages
and consists of
■ One S29GL Flash memory die with 1.8 V VIO
■ one 1.8 V pSRAM (Note)
Note: Burst mode features of the pSRAM in the S71GS family of MCPs is not avail-
able. This MCP uses the page mode operation which utilizes the page mode Flash
and page mode feature-set of the pSRAM.


Similar Part No. - S71GS256

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
463Kb / 11P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A40 SPANSION-S71GL016A40 Datasheet
252Kb / 9P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results

Similar Description - S71GS256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
Thumb-based Microcontrollers
logo
SPANSION
S71PL-J SPANSION-S71PL-J Datasheet
460Kb / 24P
Based MCPs
S71PL-N SPANSION-S71PL-N Datasheet
279Kb / 14P
MirrorBit MCPs
S72NS-N SPANSION-S72NS-N Datasheet
584Kb / 17P
Based MCPs
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
MULTIPROCESSOR-BASED
logo
List of Unclassifed Man...
POLYPAD400 ETC2-POLYPAD400 Datasheet
473Kb / 2P
Polyester based
POLYPAD1000 ETC2-POLYPAD1000 Datasheet
455Kb / 2P
Polyester based
POLYPADK-10 ETC2-POLYPADK-10 Datasheet
558Kb / 2P
Polyester based
logo
PHOENIX CONTACT
2891062 PHOENIX-2891062 Datasheet
69Kb / 4P
Secure web-based and SNMP-based management
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
Secure web-based and SNMP-based management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com