Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 77 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 77 Page - SPANSION

Back Button S71GS256 Datasheet HTML 73Page - SPANSION S71GS256 Datasheet HTML 74Page - SPANSION S71GS256 Datasheet HTML 75Page - SPANSION S71GS256 Datasheet HTML 76Page - SPANSION S71GS256 Datasheet HTML 77Page - SPANSION S71GS256 Datasheet HTML 78Page - SPANSION S71GS256 Datasheet HTML 79Page - SPANSION S71GS256 Datasheet HTML 80Page - SPANSION S71GS256 Datasheet HTML 81Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 195 page
background image
December 15, 2004 S29GLxxxN_MCP_A1
S29GLxxxN MirrorBitTM Flash Family
77
Ad vance
Info rmat i o n
The Password Protection Command Set Exit command must be issued after
the execution of the commands listed previously to reset the device to read
mode. Otherwise the device will hang.
Note that issuing the Password Protection Command Set Exit command re-
enables reads and writes for the main memory.
Non-Volatile Sector Protection Command Set Definitions
The Non-Volatile Sector Protection Command Set permits the user to program the
Persistent Protection Bits (PPB bits), erase all of the Persistent Protection Bits
(PPB bits), and read the logic state of the Persistent Protection Bits (PPB bits).
The Non-Volatile Sector Protection Command Set Entry command se-
quence must be issued prior to any of the commands listed following to enable
proper command execution.
Note that issuing the Non-Volatile Sector Protection Command Set Entry
command disables reads and writes for the main memory.
PPB Program Command
The PPB Program command is used to program, or set, a given PPB bit. Each PPB
bit is individually programmed (but is bulk erased with the other PPB bits). The
specific sector address (A24-A16 for S29GL512N, A23-A16 for S29GL256N, A22-
A16 for S29GL128N) is written at the same time as the program command. If the
PPB Lock Bit is set to the “freeze state”, the PPB Program command will not exe-
cute and the command will time-out without programming the PPB bit.
All PPB Erase Command
The All PPB Erase command is used to erase all PPB bits in bulk. There is no
means for individually erasing a specific PPB bit. Unlike the PPB program, no spe-
cific sector address is required. However, when the All PPB Erase command is
issued, all Sector PPB bits are erased in parallel. If the PPB Lock Bit is set to
“freeze state”, the ALL PPB Erase command will not execute and the command
will time-out without erasing the PPB bits.
The device will preprogram all PPB bits prior to erasing when issuing the All PPB
Erase command. Also note that the total number of PPB program/erase cycles has
the same endurance as the flash memory array.
PPB Status Read Command
The programming state of the PPB for a given sector can be verified by writing a
PPB Status Read Command to the device. This requires an initial access time
latency.
The Non-Volatile Sector Protection Command Set Exit command must be
issued after the execution of the commands listed previously to reset the device
to read mode.
Note that issuing the Non-Volatile Sector Protection Command Set Exit
command re-enables reads and writes for the main memory.
Global Volatile Sector Protection Freeze Command Set
The Global Volatile Sector Protection Freeze Command Set permits the user to set
the PPB Lock Bit and reading the logic state of the PPB Lock Bit.
The Global Volatile Sector Protection Freeze Command Set Entry com-
mand sequence must be issued prior to any of the commands listed following to
enable proper command execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com