Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 100 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 100 Page - SPANSION

Back Button S71GS256 Datasheet HTML 96Page - SPANSION S71GS256 Datasheet HTML 97Page - SPANSION S71GS256 Datasheet HTML 98Page - SPANSION S71GS256 Datasheet HTML 99Page - SPANSION S71GS256 Datasheet HTML 100Page - SPANSION S71GS256 Datasheet HTML 101Page - SPANSION S71GS256 Datasheet HTML 102Page - SPANSION S71GS256 Datasheet HTML 103Page - SPANSION S71GS256 Datasheet HTML 104Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 195 page
background image
100
S29GLxxxN MirrorBitTM Flash Family
S29GLxxxN_MCP_A1 December 15, 2004
Advan ce
In form ati o n
AC Characteristics
Alternate CE# Controlled Erase and Program Operations-
S29GL128N, S29GL256N, S29GL512N
Notes:
1. Not 100% tested.
2. See the “AC Characteristics” section for more information.
3. For 1–16 words/1–32 bytes programmed.
4. Effective write buffer specification is based upon a 16-word/32-byte write buffer operation.
5. Unless otherwise indicated, AC specifications for 90 ns, 100ns, and 110 ns speed options are tested with VIO = VCC
= 3 V. AC specifications for 110 ns speed options are tested with VIO = 1.8 V and VCC = 3.0 V.
Parameter
Speed Options
JEDEC
Std.
Description
90
100
110
110
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
90
100
110
110
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
TASO
Address Setup Time to OE# low during
toggle bit polling
Min
15
ns
tELAX
tAH
Address Hold Time
Min
45
ns
tAHT
Address Hold Time From CE# or OE# high
during toggle bit polling
Min
0
ns
tDVEH
tDS
Data Setup Time
Min
45
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tCEPH CE# High during toggle bit polling
Min
20
ns
tOEPH OE# High during toggle bit polling
Min
20
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
35
ns
tEHEL
tCPH CE# Pulse Width High
Min
30
ns
tWHWH1 tWHWH1
Write Buffer Program Operation (Notes 2,
3)
Typ
240
µs
Effective Write Buffer
Program Operation (Notes
2, 4)
Per Word
Typ
15
µs
Effective Accelerated Write
Buffer Program Operation
(Notes 2, 4)
Per Word
Typ
13.5
µs
Program Operation (Note 2)
Word
Typ
60
µs
Accelerated Programming
Operation (Note 2)
Word
Typ
54
µs
tWHWH2 tWHWH2 Sector Erase Operation (Note 2)
Typ
0.5
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com