Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 56 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 56 Page - SPANSION

Back Button S71GS256 Datasheet HTML 52Page - SPANSION S71GS256 Datasheet HTML 53Page - SPANSION S71GS256 Datasheet HTML 54Page - SPANSION S71GS256 Datasheet HTML 55Page - SPANSION S71GS256 Datasheet HTML 56Page - SPANSION S71GS256 Datasheet HTML 57Page - SPANSION S71GS256 Datasheet HTML 58Page - SPANSION S71GS256 Datasheet HTML 59Page - SPANSION S71GS256 Datasheet HTML 60Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 195 page
background image
56
S29GLxxxN MirrorBitTM Flash Family
S29GLxxxN_MCP_A1 December 15, 2004
Advan ce
In form ati o n
“unfreeze state” is to go through a power cycle, or hardware reset. The Software
Reset command will not clear the PPB Lock Bit to the “unfreeze state”. System
boot code can determine if any changes to the PPB bits are needed e.g. to allow
new system code to be downloaded. If no changes are needed then the boot code
can set the PPB Lock Bit to disable any further changes to the PPB bits during
system operation.
The WP# write protect pin adds a final level of hardware protection. When this
pin is low it is not possible to change the contents of the WP# protected sectors.
These sectors generally hold system boot code. So, the WP# pin can prevent any
changes to the boot code that could override the choices made while setting up
sector protection during system initialization.
It is possible to have sectors that have been persistently locked, and sectors that
are left in the dynamic state. The sectors in the dynamic state are all unprotected.
If there is a need to protect some of them, a simple DYB Set command sequence
is all that is necessary. The DYB Set and DYB Clear commands for the dynamic
sectors switch the DYB bits to signify protected and unprotected, respectively. If
there is a need to change the status of the persistently locked sectors, a few more
steps are required. First, the PPB Lock Bit must be disabled to the “unfreeze
state” by either putting the device through a power-cycle, or hardware reset. The
PPB bits can then be changed to reflect the desired settings. Setting the PPB Lock
Bit once again to the “freeze state” will lock the PPB bits, and the device operates
normally again.
Note: to achieve the best protection, it's recommended to execute the PPB Lock
Bit Set command early in the boot code, and protect the boot code by holding
WP# = VIL.
Persistent Protection Bit (PPB)
A single Persistent (non-volatile) Protection Bit is assigned to each sector. If a PPB
is programmed to the protected state through the “PPB Program” command, that
sector will be protected from program or erase operations will be read-only. If a
PPB requires erasure, all of the sector PPB bits must first be erased in parallel
through the “All PPB Erase” command. The “All PPB Erase” command will prepro-
grammed all PPB bits prior to PPB erasing. All PPB bits erase in parallel, unlike
programming where individual PPB bits are programmable. The PPB bits have the
same endurance as the flash memory.
Programming the PPB bit requires the typical word programming time without uti-
lizing the Write Buffer. During a PPB bit programming and A11 PPB bit erasing
sequence execution, the DQ6 Toggle Bit I will toggle until the programming of the
PPB bit or erasing of all PPB bits has completed to indicate programming and
erasing status. Erasing all of the PPB bits at once requires typical sector erase
time. During the erasing of all PPB bits, the DQ3 Sector Erase Timer bit will output
a 1 to indicate the erasure of all PPB bits are in progress. When the erasure of all
PPB bits has completed, the DQ3 Sector Erase Timer bit will output a 0 to indicate
that all PPB bits have been erased. Reading the PPB Status bit requires the initial
access time of the device.
Persistent Protection Bit Lock (PPB Lock Bit)
A global volatile bit. When set to the “freeze state”, the PPB bits cannot be
changed. When cleared to the “unfreeze state”, the PPB bits are changeable.
There is only one PPB Lock Bit per device. The PPB Lock Bit is cleared to the “un-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com