Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 92 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 92 Page - SPANSION

Back Button S71GS256 Datasheet HTML 88Page - SPANSION S71GS256 Datasheet HTML 89Page - SPANSION S71GS256 Datasheet HTML 90Page - SPANSION S71GS256 Datasheet HTML 91Page - SPANSION S71GS256 Datasheet HTML 92Page - SPANSION S71GS256 Datasheet HTML 93Page - SPANSION S71GS256 Datasheet HTML 94Page - SPANSION S71GS256 Datasheet HTML 95Page - SPANSION S71GS256 Datasheet HTML 96Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 195 page
background image
92
S29GLxxxN MirrorBitTM Flash Family
S29GLxxxN_MCP_A1 December 15, 2004
Advan ce
In form ati o n
AC Characteristics
Read-Only Operations–S29GL128N, S29GL256N, S29GL512N
Notes:
1. Not 100% tested.
2. CE#, OE# = VIL
3. OE# = VIL
4. See Figure 9 and Table 14 for test specifications.
5. Unless otherwise indicated, AC specifications for 90 ns, 100 ns, and 110 ns speed options are tested with VIO = VCC = 3 V.
AC specifications for 110 ns speed options are tested with VIO = 1.8 V and VCC = 3.0 V.
Parameter
Description
Test Setup
Speed Options
JEDEC Std.
90 100 110 110 Unit
tAVAV
tRC Read Cycle Time
VIO = VCC = 3 V
Min
90
100 110
ns
VIO = 1.8 V, VCC = 3 V
110
tAVQV
tACC
Address to Output Delay
(Note 2)
VIO = VCC = 3 V
Max
90
100 110
ns
VIO = 1.8 V, VCC = 3 V
110
tELQV
tCE
Chip Enable to Output Delay
(Note 3)
VIO = VCC = 3 V
Max
90
100 110
ns
VIO = 1.8 V, VCC = 3 V
110
tPACC Page Access Time
Max
25
25
25
30
ns
tGLQV
tOE Output Enable to Output Delay
Max
25
25
35
35
ns
tEHQZ
tDF Chip Enable to Output High Z (Note 1)
Max
20
ns
tGHQZ
tDF
Output Enable to Output High Z
(Note 1)
Max
20
ns
tAXQX
tOH
Output Hold Time From Addresses, CE#
or OE#, Whichever Occurs First
Min
0
ns
tOEH
Output Enable Hold
Time (Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tCEH
Chip Enable Hold Time Read
Min
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com