Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 67 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 67 Page - SPANSION

Back Button S71GS256 Datasheet HTML 63Page - SPANSION S71GS256 Datasheet HTML 64Page - SPANSION S71GS256 Datasheet HTML 65Page - SPANSION S71GS256 Datasheet HTML 66Page - SPANSION S71GS256 Datasheet HTML 67Page - SPANSION S71GS256 Datasheet HTML 68Page - SPANSION S71GS256 Datasheet HTML 69Page - SPANSION S71GS256 Datasheet HTML 70Page - SPANSION S71GS256 Datasheet HTML 71Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 195 page
background image
December 15, 2004 S29GLxxxN_MCP_A1
S29GLxxxN MirrorBitTM Flash Family
67
Ad vance
Info rmat i o n
address that is either in the read or erase-suspend-read mode. The autoselect
command may not be written while the device is actively programming or
erasing.
The autoselect command sequence is initiated by first writing two unlock cycles.
This is followed by a third write cycle that contains the autoselect command. The
device then enters the autoselect mode. The system may read at any address any
number of times without initiating another autoselect command sequence:
A read cycle at address XX00h returns the manufacturer code.
Three read cycles at addresses 01h, 0Eh, and 0Fh return the device code.
A read cycle to an address containing a sector address (SA), and the address
02h on A7–A0 in word mode returns 01h if the sector is protected, or 00h if
it is unprotected.
The system must write the reset command to return to the read mode (or erase-
suspend-read mode if the device was previously in Erase Suspend).
Enter Secured Silicon Sector/Exit Secured Silicon
Sector Command Sequence
The Secured Silicon Sector region provides a secured data area containing an 8-
word/16-byte random Electronic Serial Number (ESN). The system can access
the Secured Silicon Sector region by issuing the three-cycle Enter Secured Silicon
Sector command sequence. The device continues to access the Secured Silicon
Sector region until the system issues the four-cycle Exit Secured Silicon Sector
command sequence. The Exit Secured Silicon Sector command sequence returns
the device to normal operation. Table 12 shows the address and data require-
ments for both command sequences. See also “Secured Silicon Sector Flash
Memory Region” for further information. Note that the ACC function and unlock
bypass modes are not available when the Secured Silicon Sector is enabled.
Word Program Command Sequence
Programming is a four-bus-cycle operation. The program command sequence is
initiated by writing two unlock write cycles, followed by the program set-up com-
mand. The program address and data are written next, which in turn initiate the
Embedded Program algorithm. The system is not required to provide further con-
trols or timings. The device automatically provides internally generated program
pulses and verifies the programmed cell margin. Table 12 shows the address and
data requirements for the word program command sequence.
When the Embedded Program algorithm is complete, the device then returns to
the read mode and addresses are no longer latched. The system can determine
the status of the program operation by using DQ7 or DQ6. Refer to the Write Op-
eration Status section for information on these status bits.
Any commands written to the device during the Embedded Program Algorithm
are ignored. Note that the Secured Silicon Sector, autoselect, and CFI
functions are unavailable when a program operation is in progress. Note
that a hardware reset immediately terminates the program operation. The pro-
gram command sequence should be reinitiated once the device has returned to
the read mode, to ensure data integrity.
Programming is allowed in any sequence of address locations and across sector
boundaries. Programming to the same word address multiple times without in-
tervening erases (incremental bit programming) requires a modified
programming method. For such application requirements, please contact your



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com