Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GS256 Datasheet(PDF) 71 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 71 Page - SPANSION

Back Button S71GS256 Datasheet HTML 67Page - SPANSION S71GS256 Datasheet HTML 68Page - SPANSION S71GS256 Datasheet HTML 69Page - SPANSION S71GS256 Datasheet HTML 70Page - SPANSION S71GS256 Datasheet HTML 71Page - SPANSION S71GS256 Datasheet HTML 72Page - SPANSION S71GS256 Datasheet HTML 73Page - SPANSION S71GS256 Datasheet HTML 74Page - SPANSION S71GS256 Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 195 page
background image
December 15, 2004 S29GLxxxN_MCP_A1
S29GLxxxN MirrorBitTM Flash Family
71
Ad vance
Info rmat i o n
Figure 2. Program Operation
Program Suspend/Program Resume Command Sequence
The Program Suspend command allows the system to interrupt a programming
operation or a Write to Buffer programming operation so that data can be read
from any non-suspended sector. When the Program Suspend command is written
during a programming process, the device halts the program operation within 15
µs maximum (5µs typical) and updates the status bits. Addresses are not re-
quired when writing the Program Suspend command.
After the programming operation has been suspended, the system can read array
data from any non-suspended sector. The Program Suspend command may also
be issued during a programming operation while an erase is suspended. In this
case, data may be read from any addresses not in Erase Suspend or Program
Suspend. If a read is needed from the Secured Silicon Sector area (One-time Pro-
gram area), then user must use the proper command sequences to enter and exit
this region. Note that the Secured Silicon Sector autoselect, and CFI functions are
unavailable when program operation is in progress.
The system may also write the autoselect command sequence when the device
is in the Program Suspend mode. The system can read as many autoselect codes
as required. When the device exits the autoselect mode, the device reverts to the
Program Suspend mode, and is ready for another valid operation. See Autoselect
Command Sequence for more information.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress
Note: See Table 12 for program command sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com